Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVQ12S30X7 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVQ12S30X7
Description  Flexible LED Light Strip 30 LEDs per strip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVQ12S30X7 Datasheet(HTML) 2 Page - TT Electronics.

  OVQ12S30X7 Datasheet HTML 1Page - TT Electronics. OVQ12S30X7 Datasheet HTML 2Page - TT Electronics. OVQ12S30X7 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Flexible LED Light Strip
OVQ12S30x7
© TT electronics plc
Issue B
11/2016
Page 2
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Electrical Specifications
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature Range
-40 ~ +80° C
Operating Temperature Range
-30 ~ +50° C
Mounting Surface Temperature
60° C
12 V
Input Voltage (DC)
Power Dissipation
Red / Yellow
2.7 W
Green / Blue
White
2.3 W
LED Junction Temperature
125° C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Flammability Rating of the Flex Circuit
V0
Typical Specification (TA = 25
o C unless otherwise noted)
Input Voltage (DC)*
12 V
Power Consumption
Red / Yellow
1.9 W
Green / Blue
White
1.6 W
Beam Angle
120°
Net Weight
5 g
* Exceeding the typical input voltage can damage the LEDs and reduce the operating life of the product.
Product Circuit
R2
R1
LED
LED
LED
R9
LED
R3
LED
LED
LED
LED
LED
LED
LED
LED
R4
GND
LED
LED
R5
LED
LED
+12VDC
R6
LED
R8
LED
LED
LED
LED
LED
LED
LED
LED
LED
LED
R10
LED
LED
LED
R7


Similar Part No. - OVQ12S30X7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OVQ12S30B7 ETC2-OVQ12S30B7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
OVQ12S30B7 ETC2-OVQ12S30B7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
logo
TT Electronics.
OVQ12S30B7 TTELEC-OVQ12S30B7 Datasheet
331Kb / 3P
   Flexible LED Light Strip 30 LEDs per strip
logo
List of Unclassifed Man...
OVQ12S30G7 ETC2-OVQ12S30G7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
OVQ12S30G7 ETC2-OVQ12S30G7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
More results

Similar Description - OVQ12S30X7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
QVQ12S30X7 TTELEC-QVQ12S30X7 Datasheet
331Kb / 3P
   Flexible LED Light Strip 30 LEDs per strip
logo
List of Unclassifed Man...
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
OVQ12S30B7 ETC2-OVQ12S30B7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
logo
BetLux Electronics
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F BETLUX-TLS-SMD-10F Datasheet
99Kb / 2P
   LED strip light, Mono color, Top LED type, Flexible
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
   LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
   LED Light Strip
logo
Bright View Electronic ...
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
   LED STRIP LIGHT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com