Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP955 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP955
Description  PIN Silicon Photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP955 Datasheet(HTML) 1 Page - TT Electronics.

  OP955 Datasheet HTML 1Page - TT Electronics. OP955 Datasheet HTML 2Page - TT Electronics. OP955 Datasheet HTML 3Page - TT Electronics. OP955 Datasheet HTML 4Page - TT Electronics. OP955 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PIN Silicon Photodiode
OP950 Series
© TT electronics plc
Issue A
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each OP950, OP954 and OP955 device consists of a PIN silicon photodiode molded in an epoxy packge that allows spectral
response from visible to infrared light wavelengths. The side-looking package is designed for easy PCBoard moun ng and
space-limited applica ons.
The OP950 has a 95° wide receiving angle that provides rela vely even recep on over a large area and is mechanically and
spectrally matched to OPTEK’s GaAs and GaAiAs series of infrared emi ng diodes.
The OP954 has a 128° very wide receiving angle that provides rela vely even recep on over a large area.
The OP955 has a 95° wide receiving angle with a recessed lens, which allows an acceptance half-angle of 45° when
measured from the op cal axis to the half power point.
Both OP954 and OP955 components are 100% produc on tested, using infrared light for close correla on with OPTEK’s
GaAs and GaAIAs emi ers.
Please refer to Applica on Bulle ns 208 and 210 for addi onal design informa on and reliability (degrada on) data.
Applications:
• Non-contact reflec ve object sensor
• Assembly line automa on
• Machine automa on
• Machine safety
• End of travel sensor
• Door sensor
Features:
• Epoxy package
• Linear response vs. irradiance
• Fast switching me
• Choice of wide or extra wide receiving angle
• Side-looker package
• Small package style ideal for space-limited applica ons
OP950 OP954
OP955
Ordering Informa on
Part Number
Sensor
Viewing Angle
Lead Length
OP950
Photodiode
95°
50”
OP954
128°
OP955
95°
RoHS


Similar Part No. - OP955

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP955 OPTEK-OP955 Datasheet
710Kb / 2P
   PIN Sili con Pho todiode
More results

Similar Description - OP955

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com