Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP905 Datasheet(PDF) 2 Page - TT Electronics.

Part # OP905
Description  PIN Silicon Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP905 Datasheet(HTML) 2 Page - TT Electronics.

  OP905 Datasheet HTML 1Page - TT Electronics. OP905 Datasheet HTML 2Page - TT Electronics. OP905 Datasheet HTML 3Page - TT Electronics. OP905 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
PIN Silicon Photodiode
OP905, OP906
Issue A
08/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Reverse Breakdown Voltage
60 V
Storage & Opera ng Temperature Range
-40° C to +100° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron]
260° C
(1)
Reverse Breakdown Voltage
60 V
Power Dissipa on
100 mW
(2)
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IL
Reverse Light Current
OP905
OP906
14
16
-
-
32
35
µA
VR = 5 V, EE = 0.50 mW/cm
2 (3)
ID
Reverse Dark Current
-
1
60
nA
VR = 30 V, EE = 0
(4)
V(BR)
Reverse Breakdown Voltage
60
-
-
V
IR = 100 μA
VF
Forward Voltage
-
-
1.2
V
IF = 1 mA
CT
Total Capacitance
-
4
-
pF
VR = 20 V, EE = 0, f = 1.0 MHz
tr
Rise Time
-
5
-
ns
tf
Fall Time
-
5
-
VR = 20 V, λ = 850 nm, RL = 50 Ω
Notes:
(1) RMA flux is recommended. Dura on can be extended to 10 seconds maximum when flow soldering. A maximum of 20
grams force may be applied to leads when soldering.
(2) Derate linearly 1.67 mW/° C above 25° C.
(3) Light source is an unfiltered GaAs LED with a peak emission wavelength of 935 nm and a radiometric intensity level which
varies less than 10% over the en re lens surface of the photodiode being tested.
(4) Calculate the typical dark current in nA using the formula ID = 10
(0.042T
A
-1.5) where T
A is ambient temperature in °C.


Similar Part No. - OP905

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP905 OPTEK-OP905 Datasheet
494Kb / 2P
   PIN Sili con Pho todiode
More results

Similar Description - OP905

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com