Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2222 Datasheet(PDF) 1 Page - TT Electronics.

Part # 2N2222
Description  Surface Mount Dual NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N2222 Datasheet(HTML) 1 Page - TT Electronics.

  2N2222 Datasheet HTML 1Page - TT Electronics. 2N2222 Datasheet HTML 2Page - TT Electronics. 2N2222 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Dual NPN
Transistor
2N5794U (TX, TXV)
 
© TT electronics plc
Issue C
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
 
Description:
The 2N5794U (TX, TXV) are herme cally sealed, ceramic surface mount devices, consis ng of two individual silicon NPN 
transistors.  The six pin ceramic package is ideal for designs where board space and device weight are important design 
considera ons. 
 
Typical screening and lot acceptance tests are per MIL‐PRF‐19500/495.  The burn‐in condi on is VCB = 30 V, PD = 300 mW 
each transistor, TA = 25°C.  Refer to MIL‐PRF‐19500/495 for complete requirements. 
 
When ordering parts without processing, do not use the TX or TXV suffix. 
 
Applications:
 General switching
 Amplification
 Signal processing
 Radio transmission
 Logic gates
Features:
 Ceramic 6 pin surface mount package
 Small package to minimize circuit board area
 Hermetically sealed
 Electrical performance similar to dual 2N2222
 Processed per MIL-PRF-19500/495
Pin # 
LED 
Pin # 
Transistor 
Base 
Base 
Collector 
Collector 
Emi er 
Emi er 


Similar Part No. - 2N2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
New Jersey Semi-Conduct...
2N2222 NJSEMI-2N2222 Datasheet
130Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
STMicroelectronics
2N2222 STMICROELECTRONICS-2N2222 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Comset Semiconductor
2N2222 COMSET-2N2222 Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Semicoa Semiconductor
2N2222 SEMICOA-2N2222 Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
More results

Similar Description - 2N2222

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DN0150ADJ DIODES-DN0150ADJ Datasheet
89Kb / 4P
   DUAL NPN SURFACE MOUNT TRANSISTOR
DN0150ADJ DIODES-DN0150ADJ_15 Datasheet
89Kb / 4P
   DUAL NPN SURFACE MOUNT TRANSISTOR
logo
List of Unclassifed Man...
2N5794U ETC-2N5794U Datasheet
185Kb / 2P
   SURFACE MOUNT DUAL NPN TRANSISTOR
logo
Diodes Incorporated
BC847CDLP DIODES-BC847CDLP Datasheet
119Kb / 4P
   NPN DUAL SURFACE MOUNT TRANSISTOR
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A Datasheet
106Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTOR
logo
Diodes Incorporated
DST3904DJ DIODES-DST3904DJ Datasheet
131Kb / 6P
   40V DUAL NPN SURFACE MOUNT TRANSISTOR
DS32038 Rev. 2 - 2
DST3904DJ DIODES-DST3904DJ_15 Datasheet
131Kb / 6P
   40V DUAL NPN SURFACE MOUNT TRANSISTOR
logo
Central Semiconductor C...
CMLT2222A CENTRAL-CMLT2222A_15 Datasheet
512Kb / 3P
   SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
CMXT3904 CENTRAL-CMXT3904 Datasheet
98Kb / 2P
   SURFACE MOUNT DUAL NPN SILIOCON TRANSISTOR
CMLT8099 CENTRAL-CMLT8099_15 Datasheet
512Kb / 3P
   SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com