Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C1084-60 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3C1084-60
Description  N Female Bulkhead to TNC Male Low Loss Test Cable 60 Inch Length Using PE-P300LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1084-60 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C1084-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1084-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1084-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1084-60 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C1084-60 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3C1084
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C1084-12 = 12 inches long cable
PE3C1084-100cm = 100 cm long cable
N Female Bulkhead to TNC Male Low Loss Test Cable 60 Inch Length Using PE-P300LL Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead to TNC Male Low Loss Test Cable 60 Inch Length Using PE-P300LL Coax,
RoHS PE3C1084-60
URL: https://www.pasternack.com/n-female-tnc-male-pe-p300ll-cable-assembly-pe3c1084-60-p.aspx
PE3C1084-60 REV 1.0
RF Cable Assemblies Technical Data Sheet
N Female Bulkhead to TNC Male Low Loss Test Cable
60 Inch Length Using PE-P300LL Coax, RoHS
PE3C1084-60


Similar Part No. - PE3C1084-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1084-100CM PASTERNACK-PE3C1084-100CM Datasheet
419Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable 100 cm Length Using PE-P300LL Coax, RoHS
PE3C1084-12 PASTERNACK-PE3C1084-12 Datasheet
419Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS
PE3C1084-150CM PASTERNACK-PE3C1084-150CM Datasheet
419Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable 150 cm Length Using PE-P300LL Coax, RoHS
PE3C1084-200CM PASTERNACK-PE3C1084-200CM Datasheet
419Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable200 cm Length Using PE-P300LL Coax, RoHS
PE3C1084-24 PASTERNACK-PE3C1084-24 Datasheet
419Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS
More results

Similar Description - PE3C1084-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3244-60 PASTERNACK-PE3C3244-60 Datasheet
415Kb / 5P
   N Female to TNC Male Low Loss Test Cable 60 Inch Length Using PE-P300LL Coax, RoHS
PE3C1084-12 PASTERNACK-PE3C1084-12 Datasheet
419Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS
PE3C1084-24 PASTERNACK-PE3C1084-24 Datasheet
419Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS
PE3C1084-48 PASTERNACK-PE3C1084-48 Datasheet
419Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable 48 Inch Length Using PE-P300LL Coax, RoHS
PE3C1084-36 PASTERNACK-PE3C1084-36 Datasheet
420Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE3C1084 PASTERNACK-PE3C1084 Datasheet
419Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3232-60 PASTERNACK-PE3C3232-60 Datasheet
415Kb / 4P
   N Female Bulkhead to N Female Bulkhead Low Loss Test Cable 60 Inch Length Using PE-P300LL Coax, RoHS
PE3C3246-60 PASTERNACK-PE3C3246-60 Datasheet
419Kb / 5P
   SMA Male to N Female Bulkhead Low Loss Test Cable 60 Inch Length Using PE-P300LL Coax, RoHS
PE3C3247-60 PASTERNACK-PE3C3247-60 Datasheet
417Kb / 5P
   N Female to N Female Bulkhead Low Loss Test Cable 60 Inch Length Using PE-P300LL Coax, RoHS
PE348-60 PASTERNACK-PE348-60 Datasheet
355Kb / 4P
   TNC Male to TNC Female Bulkhead Low Loss Test Cable 60 Inch Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com