Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2563 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2563
Description  Silicon Complementary Transistors High Current Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2563 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2563 Datasheet HTML 1Page - NTE Electronics NTE2563 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Emitter Saturation Voltage
NTE2562
VCE(sat)
IC = 5A, IB = 0.25A
0.4
V
NTE2563
0.5
V
Collector–Base Breakdown Voltage
V(BR)CBO IC = 1mA, IE = 0
60
V
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 1mA, RBE = ∞
30
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 1mA, IC = 0
6
V
Turn–On Time
NTE2562
ton
VCC = 10V, VBE = –5V,
0.2
µs
NTE2563
10IB1 = –10IB2 = IC = 5A,
Pulse Width = 20
µs,
0.1
µs
Storage Time
NTE2562
tstg
Pulse Width = 20
µs,
Duty Cycle = 1%
0.5
µs
NTE2563
0.3
µs
Fall Time
tf
0.03
µs
.402 (10.2) Max
.224 (5.7) Max
.295
(7.5)
.165
(4.2)
.669
(17.0)
Max
.531
(13.5)
Min
.100 (2.54)
.059 (1.5) Max
.114 (2.9) Max
.173 (4.4) Max
BC
E
.122 (3.1)
Dia
NOTE: Tab is isolated


Similar Part No. - NTE2563

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE256 NTE-NTE256 Datasheet
24Kb / 2P
   Silicon NPN Transistor Darlington w/Damper Diode
NTE2560 NTE-NTE2560 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington, Motor/Relay Driver
NTE2561 NTE-NTE2561 Datasheet
19Kb / 2P
   Silicon NPN Transistor Video Amplifier
NTE2564 NTE-NTE2564 Datasheet
22Kb / 2P
   Complementary Silicon Transistors High Current Switch
NTE2565 NTE-NTE2565 Datasheet
22Kb / 2P
   Complementary Silicon Transistors High Current Switch
More results

Similar Description - NTE2563

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2564 NTE-NTE2564 Datasheet
22Kb / 2P
   Complementary Silicon Transistors High Current Switch
NTE2570 NTE-NTE2570 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2515 NTE-NTE2515 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2524 NTE-NTE2524 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2517 NTE-NTE2517 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2568 NTE-NTE2568 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2526 NTE-NTE2526 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2536 NTE-NTE2536 Datasheet
20Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com