Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE7008-5 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE7008-5
Description  0 to 102 dB Push Button Step Attenuator, BNC Female To BNC Female
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7008-5 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7008-5_17 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7008-5_17 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7008-5_17 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
750
MHz
Impedance
50
Ohms
Insertion Loss
1.55
1.75
dB
Attenuation Value
0 to 102
dB
Step Size
1
dB
Step Type
Push Button
Input Power
1
Watts
Input Power, Peak
1
KWatts
VSWR
1.4:1
.
Mechanical Specifications
Size
Length
7.43 in [188.72 mm]
Width
1.53 in [38.86 mm]
Height
1.275 in [32.39 mm]
.
Weight
0.011 lbs [4.99 g]
.
Body Material and Plating
Brass, Nickel
Connectors
Description
Connector 1
Connector 2
Type
BNC Female
BNC Female
.
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 102 dB Push Button Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated
To 1 Watt Up To 750 MHz PE7008-5
PE7008-5 REV 1.1
0 to 102 dB Push Button Step Attenuator, BNC Female To BNC
Female With 1 dB Step Rated To 1 Watt Up To 750 MHz
RF Step Attenuators Technical Data Sheet
PE7008-5


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn