Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE7008-5 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part No. PE7008-5
Description  0 to 102 dB Push Button Step Attenuator, BNC Female To BNC Female
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7008-5 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7008-5_17 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7008-5_17 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7008-5_17 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
0 to 102 dB Push Button Step Attenuator, BNC Female To BNC
Female With 1 dB Step Rated To 1 Watt Up To 750 MHz
PE7008-5
CAD Drawing
PE7008-5 REV 1.1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn