Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE7008-5 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE7008-5
Description  0 to 102 dB Push Button Step Attenuator, BNC Female To BNC Female
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7008-5 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7008-5_17 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7008-5_17 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7008-5_17 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
0 to 102 dB Push Button Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 750 MHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 102 dB Push Button Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To
1 Watt Up To 750 MHz PE7008-5
URL: https://www.pasternack.com/45.5db-step-bnc-female-bnc-female-5-watts-attenuator-pe7008-5-p.aspx
PE7008-5 REV 1.1
RF Step Attenuators Technical Data Sheet
PE7008-5
0 to 102 dB Push Button Step Attenuator, BNC Female To BNC
Female With 1 dB Step Rated To 1 Watt Up To 750 MHz


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn