Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZ11B1 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HZ11B1
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZ11B1 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HZ11B1 Datasheet HTML 1Page - Hitachi Semiconductor HZ11B1 Datasheet HTML 2Page - Hitachi Semiconductor HZ11B1 Datasheet HTML 3Page - Hitachi Semiconductor HZ11B1 Datasheet HTML 4Page - Hitachi Semiconductor HZ11B1 Datasheet HTML 5Page - Hitachi Semiconductor HZ11B1 Datasheet HTML 6Page - Hitachi Semiconductor HZ11B1 Datasheet HTML 7Page - Hitachi Semiconductor HZ11B1 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HZ Series
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
ADE-208-117B(Z)
Rev. 2
Nov. 1999
Features
• Low leakage, low zener impedance and maximum power dissipation of 500 mW are ideally suited for
stabilized power supply, etc.
• Wide spectrum from 1.6V through 38V of zener voltage provide flexible application.
Ordering Information
Type No.
Mark
Package Code
HZ Series
Type No.
DO-35
Outline
1. Cathode
2. Anode
7
B 2
Cathode band
Type No.
1
2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn