Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA76504DK8T Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HUFA76504DK8T
Description  2.3A, 80V, 0.222 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76504DK8T Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HUFA76504DK8T Datasheet HTML 2Page - Fairchild Semiconductor HUFA76504DK8T Datasheet HTML 3Page - Fairchild Semiconductor HUFA76504DK8T Datasheet HTML 4Page - Fairchild Semiconductor HUFA76504DK8T Datasheet HTML 5Page - Fairchild Semiconductor HUFA76504DK8T Datasheet HTML 6Page - Fairchild Semiconductor HUFA76504DK8T Datasheet HTML 7Page - Fairchild Semiconductor HUFA76504DK8T Datasheet HTML 8Page - Fairchild Semiconductor HUFA76504DK8T Datasheet HTML 9Page - Fairchild Semiconductor HUFA76504DK8T Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, June 4, 2001
Test Circuits and Waveforms
FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 18. UNCLAMPED ENERGY WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
FIGURE 21. SWITCHING TIME TEST CIRCUIT
FIGURE 22. SWITCHING TIME WAVEFORM
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 1V
Qg(5)
VGS = 5V
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
HUFA76504DK8


Similar Part No. - HUFA76504DK8T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76404DK8T FAIRCHILD-HUFA76404DK8T Datasheet
652Kb / 12P
   N-Channel Dual MOSFET
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407D3S FAIRCHILD-HUFA76407D3S Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUFA76504DK8T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113DK8 INTERSIL-HUF76113DK8 Datasheet
210Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76105DK8 FAIRCHILD-HUF76105DK8 Datasheet
317Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUF76407DK8 FAIRCHILD-HUF76407DK8 Datasheet
262Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407DK8 INTERSIL-HUF76407DK8 Datasheet
375Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113DK8 FAIRCHILD-HUF76113DK8 Datasheet
347Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFP15N08L INTERSIL-RFP15N08L Datasheet
40Kb / 5P
   15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com