Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA76504DK8 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HUFA76504DK8
Description  2.3A, 80V, 0.222 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76504DK8 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HUFA76504DK8 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, June 4, 2001
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
UltraFET® is a registered trademark of Fairchild Corporation. PSPICE® is a registered trademark of Cadence Corporation.
SABER© is a registered trademark of Avanti corporation.
HUFA76504DK8
2.3A, 80V, 0.222 Ohm, Dual N-Channel,
Logic Level UltraFET Power MOSFET
Packaging
Symbol
Features
• Ultra Low On-Resistance
- rDS(ON) = 0.200Ω, VGS = 10V
- rDS(ON) = 0.222Ω, VGS = 5V
• Simulation Models
- Temperature Compensated PSPICE™ and SABER
Electrical Models
- Spice and SABER Thermal Impedance Models
- www.Fairchildsemi.com
• Internal RG = 50Ω
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Transient Thermal Impedance Curve vs Board Mounting
Area
Ordering Information
Absolute Maximum Ratings
TA = 25
oC, Unless Otherwise Specified
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy
of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.mtp.intersil.com/automotive.html.
All Fairchild semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification.
JEDEC MS-012AA
BRANDING DASH
1
2
3
4
5
DRAIN 1 (8)
SOURCE1 (1)
DRAIN 1 (7)
DRAIN 2 (6)
DRAIN 2 (5)
SOURCE2 (3)
GATE2 (4)
GATE1 (2)
PART NUMBER
PACKAGE
BRAND
HUFA76504DK8
MS-012AA
76504DK8
NOTE: When ordering, use the entire part number. Add the suffix T
to obtain the variant in tape and reel, e.g., HUFA76504DK8T.
HUFA76504DK8
UNITS
Drain to Source Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
80
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
80
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±16
V
Drain Current
Continuous (TA= 25
oC, V
GS = 5V) (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TA= 25
oC, V
GS = 10V) (Figure 2) (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TA= 100
oC, V
GS = 5V) (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TA= 100
oC, V
GS = 4.5V) (Figure 2) (Note 3). . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
2.3
2.5
1.1
1.1
Figure 4
A
A
A
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . UIS
Figures 6, 17, 18
Power Dissipation (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.5
20
W
mW/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief TB334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
NOTES:
1.TJ = 25
oC to 125oC.
2. 50oC/W measured using FR-4 board with 0.76 in2 (490.3 mm2) copper pad at 1 second.
3. 228oC/W measured using FR-4 board with 0.006 in2 (3.87 mm2) copper pad at 1000 seconds.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Data Sheet
June 2001
[ /Title
(HUF7
6400S
K8)
/Sub-
ject
(60V,
0.072
Ohm,
4A, N-
Chan-
nel,
Logic
Level
UltraFE
Power
MOS-
FET)
/Author
/Key-
words
(Harris
Semi-
conduc-
tor, N-
Chan-
nel,
Logic
Level
UltraFE
Power
MOS-


Similar Part No. - HUFA76504DK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76404DK8T FAIRCHILD-HUFA76404DK8T Datasheet
652Kb / 12P
   N-Channel Dual MOSFET
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407D3S FAIRCHILD-HUFA76407D3S Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUFA76504DK8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113DK8 INTERSIL-HUF76113DK8 Datasheet
210Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76105DK8 FAIRCHILD-HUF76105DK8 Datasheet
317Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUF76407DK8 FAIRCHILD-HUF76407DK8 Datasheet
262Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407DK8 INTERSIL-HUF76407DK8 Datasheet
375Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113DK8 FAIRCHILD-HUF76113DK8 Datasheet
347Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFP15N08L INTERSIL-RFP15N08L Datasheet
40Kb / 5P
   15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com