Electronic Components Datasheet Search |
|
FP15503_HEKLA-E Datasheet(PDF) 3 Page - Ledil, Inc. |
|
FP15503_HEKLA-E Datasheet(HTML) 3 Page - Ledil, Inc. |
3 / 4 page GENERAL ASSEMBLY INSTRUCTION A H B G 3 2 4 1 Tolerances if not otherwise shown According to DIN ISO 2768-1 Linear measures: Up to 30mm class M, otherwise class C. According to DIN ISO 2768-2 Form and position: class L SCALE 2:1 SHEET 2/2 SIZE A3 PRODUCT FIRST ANGLE PROJECTION: This drawing is the property of LEDiL Oy. It may not be reproduced, copied or communicated without a written agreement with LEDiL Oy. PCB or Heat Sink level Led location Ensure LED fitting, see our web site and/or 3D model for part detail. MECHANICAL DRAWING HEKLA-family Notes Remove the wire by slightly pulling and rotating at the same time. A new wire is recommended after removing the old one and check the functionality of the connector. GENERAL INFORMATION RATED VOLTAGE/CURRENT 50VDC/3A FOR USE IN SELV AND CLASS 2 (USA) APPLICATIONS ONLY WIRE TYPE AND SIZE SOLID WIRE 22 AWG ( 0,64mm); TINNED WIRE 22-20 AWG(SOLDER DIPPED) WIRE STRIP LENGTH 5 +/-0,5 mm FASTENING SCREWS 2XM3, WASHER 2XM3 MAX.SCREW FIXING TORQUE 0,6Nm MAX.TIM THICKNESS 0,25mm RATED TEMPERATURE 110 C 35mm Screws M3+Washers (DIN125/DIN127) Max.torque 0,6Nm Solid wire AWG 22 Tinned wire AWG 22-20(solder dipped) Strip length 5mm COB LED TIM (max.thickness 0,25mm) Heat sink (simplified) Note polarization |
Similar Part No. - FP15503_HEKLA-E |
|
Similar Description - FP15503_HEKLA-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |