Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54587P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M54587P
Description  8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M54587P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Mar.2002
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54587P/FP
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Duty cycle (%)
0
0
200
100
300
400
500
20
40
60
80
100
Duty Cycle-Collector Characteristics
(M54587FP)
1
2
7
3
4
5
8
6
•The collector
current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the
value of the simultaneously-operated circuit.
•Vcc = 5V •Ta = 25
°C
Duty cycle (%)
0
0
200
100
300
400
500
20
40
60
80
100
Duty Cycle-Collector Characteristics
(M54587FP)
1
2
7
3
4
5
8
6
•The collector
current values
represent the
current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the value of the
simultaneously-operated circuit. •Vcc = 5V •Ta = 75
°C
Collector current IC (mA)
DC Amplification Factor
Collector Current Characteristics
102
103
3
5
7
104
3
5
7
101
102
35
7
103
35
7
VCC = 5V
VCE = 4V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
Supply voltage Vcc (V)
02468
10
0
2
1
3
4
5
Driver Supply Characteristics
VI = 0V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
IInput voltage Vcc-VI (V)
012345
0
–0.4
–0.2
–0.6
–0.8
–1.0
Input Characteristics
VCC = 5V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
Input voltage Vcc-VI (V)
0
0
200
100
300
400
500
12
3
4
Output Current Characteristics
VCC = 4V
VCE = 4V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn