Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54587P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M54587P
Description  8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54587P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M54587P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Mar.2002
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54587P/FP
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
TYPICAL CHARACTERISTICS
INPUT
50%
50%
50%
50%
OUTPUT
ton
toff
PG
INPUT
VCC
OUTPUT
VO
RL
OPEN
CL
50
(1)Pulse generator (PG) characteristics : PRR=1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, Zo = 50Ω
VI = 0.4 ~ 4V
(2)Input-output conditions : RL = 30
Ω, Vo = 10V, Vcc = 4V
(3)Electrostatic capacity CL includes floating capacitance
at connections and input capacitance at probes
Measured
device
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
Ambient temperature Ta (
°C)
0
0
0.5
1.0
1.5
2.0
25
50
75
100
Thermal Derating Factor Characteristics
M54587P
M54587FP
Output saturation voltage VCE(sat) (V)
0
0
200
100
300
400
500
0.5
1.0
1.5
2.0
Output Saturation Voltage
Collector Current Characteristics
VI = 1.4V
VCC = 5V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
Duty cycle (%)
0
0
200
100
300
400
500
20
40
60
80
100
Duty Cycle-Collector Characteristics
(M54587P)
•The collector
current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the
value of the simultaneously-operated circuit.
•Vcc = 5V •Ta = 25
°C
1
2
7
3
4
5
8
6
•The collector
current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the
value of the simultaneously-operated circuit.
•Vcc = 5V •Ta = 75
°C
Duty cycle (%)
0
0
200
100
300
400
500
20
40
60
80
100
Duty Cycle-Collector Characteristics
(M54587P)
1
2
7
3
4
5
8
6


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn