Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8891 Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY8891
Description  2.0 Watt Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8891 Datasheet(HTML) 5 Page - Lyontek Inc.

  LY8891_17 Datasheet HTML 1Page - Lyontek Inc. LY8891_17 Datasheet HTML 2Page - Lyontek Inc. LY8891_17 Datasheet HTML 3Page - Lyontek Inc. LY8891_17 Datasheet HTML 4Page - Lyontek Inc. LY8891_17 Datasheet HTML 5Page - Lyontek Inc. LY8891_17 Datasheet HTML 6Page - Lyontek Inc. LY8891_17 Datasheet HTML 7Page - Lyontek Inc. LY8891_17 Datasheet HTML 8Page - Lyontek Inc. LY8891_17 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LY8891
Rev. 1.8
2.0 Watt Audio Power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
2F, No. 17, lndustry E . Rd. II, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
DC ELECTRICAL CHARACTERISTICS (VDD=3.6V, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*1
MAX.
UNIT
Power Supply Current
IDD
VIN = 0V, IO = 0A, 8Ω Load
-
4.5
14.0
mA
Shutdown Current
ISD
VSHUTDOWN = = 0V
-
0.1
2.0
µA
Shutdown Voltage Input High
VSDIH
VSD Mode = VDD
1.2
-
-
V
Shutdown Voltage Input Low
VSDIL
VSD Mode = GND
-
-
0.4
Output Offset Voltage
VOS
-
7.0
50.0
mV
Resistor Output to GND
ROUT-GND
7.0
8.5
9.7
Output Power
Po
THD = 10% , f = 1 kHz
RL=4Ω
-
900
-
mW
THD = 1% , f = 1 kHz
RL=4Ω
-
700
-
THD = 10% , f = 1 kHz
RL=8Ω
-
700
-
THD = 1% , f = 1 kHz
RL=8Ω
-
550
-
Total Harmonic Distortion+ Noise THD+N Po = 280 mWrms , f = 1kHz
-
0.11
-
%
Power Supply Rejection Ratio
PSRR
Vripple = 200mV sine p-p,
Input with floating.
-
62 (f =
217Hz)
62 (f =
1kHz)
-
dB
Wake-up time
TWU
-82
ms
Thermal Shutdown Temperature
TSD
150
170
190
(*1)Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃


Similar Part No. - LY8891_17

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891_12 Datasheet
578Kb / 12P
   2.0 Watt Audio Power Amplifier
More results

Similar Description - LY8891_17

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891_12 Datasheet
578Kb / 12P
   2.0 Watt Audio Power Amplifier
logo
EIC discrete Semiconduc...
ECP200 EIC-ECP200 Datasheet
86Kb / 5P
   2.0 WATT POWER AMPLIFIER
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
   8 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com