Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS6128-04 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. FS6128-04
Description  PLL CLOCK GENERATOR IC WITH VCXO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

FS6128-04 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
2
4.24.00
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
Table 2: Pin Descriptions
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-Up; DI
D = Input with Internal Pull-Down; DIO = Digital Input/Output; DI-3 = Three-Level Digital Input,
DO = Digital Output; P = Power/Ground; # = Active Low pin
PIN
TYPE
NAME
DESCRIPTION
1
AI
XIN
VCXO Feedback
2
P
VDD
Power Supply (+3.3V)
3
AI
XTUNE
VCXO Tune
4
P
VSS
Ground
5
DO
CLK
Clock Output
6
-
n/c
No Connection
7
DO
VSS
Ground
8
AO
XOUT
VCXO Drive
3.0
Functional Block Description
3.1
Voltage-Controlled Crystal
Oscillator (VCXO)
The VCXO provides a tunable, low-jitter frequency refer-
ence for the rest of the FS6128 system components.
Loading capacitance for the crystal is internal to the
FS6128. No external components (other than the reso-
nator itself) are required for operation of the VCXO.
Continuous fine-tuning of the VCXO frequency is accom-
plished by varying the voltage on the XTUNE pin. The
value of this voltage controls the effective capacitance
presented to the crystal. The actual amount that this load
capacitance change will alter the oscillator frequency de-
pends on the characteristics of the crystal as well as the
oscillator circuit itself.
It is important that the crystal load capacitance is speci-
fied correctly to “center” the tuning range. See Table 5.
A simple formula to obtain the “pulling” capability of a
crystal oscillator is:
()
() (
)
C
C
C
C
C
C
C
ppm
f
L
L
L
L
1
0
2
0
6
1
2
1
2
10
)
(
+
×
+
×
×
×
=
where:
C0 = the shunt (or holder) capacitance of the crystal
C1 = the motional capacitance of the crystal
CL1 and CL2 = the two extremes (minimum and maximum)
of the applied load capacitance presented by the
FS6128.
EXAMPLE:
A crystal with the following parameters is
used: C1 = 0.025pF and C0 = 6pF. Using the minimum
and maximum CL1 = 10pF, and CL2 = 20pF, the tuning
range (peak-to-peak) is:
()
() (
)
ppm
.
f
300
10
6
20
6
2
106
10
20
025
0
=
+
×
+
×
×
×
=
.
3.2
Phase-Locked Loop (PLL)
The on-chip PLL is a standard frequency- and phase-
locked loop architecture. The PLL multiplies the reference
oscillator frequency to the desired output frequency by a
ratio of integers. The frequency multiplication is exact
with a zero synthesis error (unless otherwise specified).


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FS6128-07PLL Clock Generator IC with VCXO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CY27EE16ZE1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM 1 2 3 4 5 MoreCypress Semiconductor
M66238FPSTANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CY241V08A-05MPEG Clock Generator with VCXO 1 2 3 4 5 MoreCypress Semiconductor
FS6209DUAL PLL VCXO CLOCK GENERATOR IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CY2412MPEG Clock Generator with VCXO 1 2 3 4 5 MoreCypress Semiconductor
BU2365FVClock Generator With Built-in VCXO 1 2 3 4 5 MoreRohm
CY241V08A-41MPEG Clock Generator with VCXO 1 2 3 4 5 MoreCypress Semiconductor
XC25BS5PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits For Low Frequency range 1 2 3 4 5 MoreTorex Semiconductor
CY241V08A-12Clock Generator with VCXO 1 2 3 4 5 MoreCypress Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn