Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F863DC104K310A Datasheet(PDF) 9 Page - Kemet Corporation

Part # F863DC104K310A
Description  F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F863DC104K310A Datasheet(HTML) 9 Page - Kemet Corporation

Back Button F863DC104K310A Datasheet HTML 5Page - Kemet Corporation F863DC104K310A Datasheet HTML 6Page - Kemet Corporation F863DC104K310A Datasheet HTML 7Page - Kemet Corporation F863DC104K310A Datasheet HTML 8Page - Kemet Corporation F863DC104K310A Datasheet HTML 9Page - Kemet Corporation F863DC104K310A Datasheet HTML 10Page - Kemet Corporation F863DC104K310A Datasheet HTML 11Page - Kemet Corporation F863DC104K310A Datasheet HTML 12Page - Kemet Corporation F863DC104K310A Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3110_F863_X2_310 • 1/25/2018
9
Film Capacitors – AC Line EMI Suppression and RC Networks
F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
Soldering Process cont'd
Wave Soldering Recommendations cont'd
1.Thetableindicatesthemaximumset-uptemperatureofthesolderingprocess
Figure 1
Dielectric
Film Material
Maximum Preheat
Temperature
Maximum
Peak Soldering
Temperature
Capacitor
Pitch
≤10mm
Capacitor
Pitch
= 15 mm
Capacitor
Pitch
> 15 mm
Capacitor
Pitch
≤15mm
Capacitor
Pitch
> 15 mm
Polyester
130°C
130°C
130°C
270°C
270°C
Polypropylene
100°C
110°C
130°C
260°C
270°C
Paper
130°C
130°C
140°C
270°C
270°C
Polyphenylene
Sulphide
150°C
150°C
160°C
270°C
270°C
2. The maximum temperature measured inside the capacitor:
Setthetemperaturesothatinsidetheelementthemaximumtemperatureisbelowthelimit:
Dielectric Film Material
Maximum temperature
measured inside the element
Polyester
160°C
Polypropylene
110°C
Paper
160°C
Polyphenylene Sulphide
160°C
Temperature monitored inside the capacitor.
Selective Soldering Recommendations
Selectivedipsolderingisavariationofreflowsoldering.Inthismethod,theprintedcircuitboardwiththrough-hole
componentstobesolderedispreheatedandtransportedoverthesolderbathasinnormalflowsolderingwithouttouching
thesolder.Whentheboardisoverthebath,itisstoppedandpre-designedsolderpotsareliftedfromthebathwithmolten
solderonlyattheplacesoftheselectedcomponents,andpressedagainstthelowersurfaceoftheboardtosolderthe
components.
Thetemperatureprofileforselectivesolderingissimilartothedoublewaveflowsolderingoutlinedinthisdocument,
however, instead of two baths, there is only one bath with a time from 3 to 10 seconds. In selective soldering, the risk of
overheatingisgreaterthanindoublewaveflowsoldering,andgreatcaremustbetakensothatthepartsarenotoverheated.


Similar Part No. - F863DC104K310A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F863DE474K310ALW0L KEMET-F863DE474K310ALW0L Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 0.47 uF, 10%, 310 V, 110C, Lead Spacing = 22.5mm
F863DE474K310R KEMET-F863DE474K310R Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 0.47 uF, 10%, 310 V, 110C, Lead Spacing = 22.5mm
F863DE474K310Z KEMET-F863DE474K310Z Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 0.47 uF, 10%, 310 V, 110C, Lead Spacing = 22.5mm
F863DN684K310ALW0L KEMET-F863DN684K310ALW0L Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 0.68 uF, 10%, 310 V, 110C, Lead Spacing = 22.5mm
F863DN684K310R KEMET-F863DN684K310R Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 0.68 uF, 10%, 310 V, 110C, Lead Spacing = 22.5mm
More results

Similar Description - F863DC104K310A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
   F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
F863BK224K310ALW0L KEMET-F863BK224K310ALW0L Datasheet
231Kb / 1P
   F863, Film, Metallized Polypropylene, Automotive Safety, 0.22 uF, 10%, 310 VAC (X2), 110°C, Lead Spacing = 15mm
4/13/2023
F863BW564K310ALW0L KEMET-F863BW564K310ALW0L Datasheet
56Kb / 1P
   F863, Film, Metallized Polypropylene, Safety, 0.56 uF, 10%, 310 VAC (X2), 110C, Lead Spacing = 15mm
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
R533I347000P0M KEMET-R533I347000P0M Datasheet
1Mb / 17P
   R53 (Miniature), THB Grade IIIB, Class X2, 310 VAC, 110째C (Automotive Grade)
R523W510050P0K KEMET-R523W510050P0K Datasheet
51Kb / 1P
   R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 10 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing
R523W433050P0K KEMET-R523W433050P0K Datasheet
51Kb / 1P
   R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 3.3 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com