Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3695TJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695TJ
Description  Multipoint RS485/RS422 Transceivers/Repeaters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695TJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS3695TJ Datasheet HTML 2Page - National Semiconductor (TI) DS3695TJ Datasheet HTML 3Page - National Semiconductor (TI) DS3695TJ Datasheet HTML 4Page - National Semiconductor (TI) DS3695TJ Datasheet HTML 5Page - National Semiconductor (TI) DS3695TJ Datasheet HTML 6Page - National Semiconductor (TI) DS3695TJ Datasheet HTML 7Page - National Semiconductor (TI) DS3695TJ Datasheet HTML 8Page - National Semiconductor (TI) DS3695TJ Datasheet HTML 9Page - National Semiconductor (TI) DS3695TJ Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Function Tables
DS3695DS3696 Transmitting
Inputs
Thermal
Outputs
RE
DE
DI
Shutdown
DO
DO
TS
(DS3696 Only)
X
1
1
OFF
0
1
H
X
1
0
OFF
1
0
H
X
0
X
OFF
Z
Z
H
X1
X
ON
Z
Z
L
DS3695DS3696 Receiving
Inputs
Outputs
RE
DE
RI – RI
RO
TS
(DS3696 Only)
00
t a
02V
1
H
00
s b
02V
0
H
10
X
Z
H
DS3697DS3698
Inputs
Thermal
Outputs
E
RI-RI
Shutdown
DO
DO
RO
TS
(DS3697 Only)
(DS3698 Only)
1
t a
02V
OFF
0
1
1
H
1
s b
02V
OFF
1
0
0
H
0
X
OFF
Z
Z
Z
H
1
t a
02V
ON
Z
Z
1
L
1
s b
02V
ON
Z
Z
0
L
XDon’t care condition
ZHigh impedance state
TS is an ‘‘open collector’’ output with an on-chip 10 kX pull-up resistor that reports the occurrence of a thermal shutdown of the device
Typical Application
TLF10408 – 11
Note
Repeater control logic not shown see AN-702
http
www nationalcom
6


Similar Part No. - DS3695TJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3695T TI1-DS3695T Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695T TI1-DS3695T Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS3695TN NSC-DS3695TN Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695TN TI1-DS3695TN Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695TN-OPB TI1-DS3695TN-OPB Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
More results

Similar Description - DS3695TJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
logo
Texas Instruments
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com