Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDA114YH-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDA114YH-7
Description  PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA114YH-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DDA114YH-7 Datasheet HTML 1Page - Diodes Incorporated DDA114YH-7 Datasheet HTML 2Page - Diodes Incorporated DDA114YH-7 Datasheet HTML 3Page - Diodes Incorporated DDA114YH-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30420 Rev. 1 - 2
2 of 4
DDA (xxxx) H
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
Vl(off)
-0.5
-0.5
-0.5
-0.3
-0.5
-0.5
-1.1
-1.1
-1.1
--
--
-1.1
¾
V
VCC = -5V, IO = -100
mA
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
Vl(on)
¾
-1.9
-1.9
-1.9
--
--
-1.9
-3.0
-3.0
-3.0
-1.4
-1.1
-3.0
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -1mA
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = -10mA
Output Voltage
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
VO(on)
¾
-0.1
-0.3
V
IO/Il = -10mA / -0.5mA
IO/Il = -10mA / -0.5mA
IO/Il = -10mA / -0.5mA
IO/Il = -5mA / -0.25mA
IO/Il = -5mA / -0.25mA
IO/Il = -10mA / -0.5mA
Input Current
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
Il
¾¾
-0.36
-0.18
-1.8
-0.88
-3.6
-0.88
mA
VI = -5V
Output Current
IO(off)
¾¾
-0.5
mA
VCC = -50V, VI = -0V
DC Current Gain
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
Gl
56
68
20
68
80
30
¾¾
¾
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -10mA
VO = -5V, IO = -10mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = -5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Characteristic (DDA143TH & DDA114TH only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
¾¾
V
IC = -50
mA
Collector-Emitter Breakdown Voltage
BVCEO
-50
¾¾
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
¾¾
V
IE = -50
mA
Collector Cutoff Current
ICBO
¾¾
-0.5
mA
VCB = -50V
Emitter Cutoff Current
IEBO
¾¾
-0.5
mA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
-0.3
V
IC/IB = -2.5mA / -0.25mA
DDA143TH
IC/IB = -1mA / -0.1mA
DDA114TH
DC Current Transfer Ratio
hFE
100
250
600
¾
IC = -1mA, VCE = -5V
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = 5mA, f = 100MHz


Similar Part No. - DDA114YH-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA114YH-7 DIODES-DDA114YH-7 Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDA114YH-7 DIODES-DDA114YH-7 Datasheet
282Kb / 6P
   PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2 June 2016
More results

Similar Description - DDA114YH-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA124EH DIODES-DDA124EH_1 Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDA122LH DIODES-DDA122LH Datasheet
77Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 3 - 2
DDC124EH DIODES-DDC124EH Datasheet
73Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DDC122LH DIODES-DDC122LH_1 Datasheet
76Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 3 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX124EH DIODES-DCX124EH Datasheet
99Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX122LH DIODES-DCX122LH Datasheet
87Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 2 - 2
DDC124EH DIODES-DDC124EH_1 Datasheet
88Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 3 - 2
DDTA113ZCA DIODES-DDTA113ZCA Datasheet
76Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30334 Rev. 2 - 2
DDTA113TCA DIODES-DDTA113TCA Datasheet
66Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30335 Rev. 2 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com