Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83815DVNG Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815DVNG
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815DVNG Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83815DVNG Datasheet HTML 6Page - National Semiconductor (TI) DP83815DVNG Datasheet HTML 7Page - National Semiconductor (TI) DP83815DVNG Datasheet HTML 8Page - National Semiconductor (TI) DP83815DVNG Datasheet HTML 9Page - National Semiconductor (TI) DP83815DVNG Datasheet HTML 10Page - National Semiconductor (TI) DP83815DVNG Datasheet HTML 11Page - National Semiconductor (TI) DP83815DVNG Datasheet HTML 12Page - National Semiconductor (TI) DP83815DVNG Datasheet HTML 13Page - National Semiconductor (TI) DP83815DVNG Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
10
www.national.com
2.0 Pin Description (Continued)
Note: DP83815 supports FM93C46 for the EEPROM device.
Clock Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
X1
17
D8
I
Crystal/Oscillator Input: This pin is the primary clock reference
input for the DP83815 and must be connected to a 25 MHz 0.005%
(50ppm) clock source. The DP83815 device supports either an
external crystal resonator connected across pins X1 and X2, or an
external CMOS-level oscillator source connected to pin X1 only.
X2
18
C7
O
Crystal Output: This pin is used in conjunction with the X1 pin to
connect to an external 25 MHz crystal resonator device. This pin
must be left unconnected if an external CMOS oscillator clock source
is utilized. For more information see the definition for pin X1.
LED Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
LEDACTN/MA0
142
C14
O
TX/RX Activity: This pin is an output indicating transmit/receive
activity. This pin is driven low to indicate active transmission or
reception, and can be used to drive a low current LED (<6 mA). The
activity event is stretched to a min duration of approximately 50 ms.
LED100N/MA2
144
C13
O
100 Mb/s Link: This pin is an output indicating the 100 Mb/s Link
status. This pin is driven low to indicate Good Link status for 100
Mb/s operation, and can be used to drive a low current LED (<6 mA).
LED10N/MA1
143
C12
O
10 Mb/s Link: This pin is an output indicating the 10 Mb/s Link
status. This pin is driven low to indicate Good Link status for 10 Mb/s
operation, and can be used to drive a low current LED (<6 mA).
Serial EEPROM Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
EESEL
128
G14
O
EEPROM Chip Select: This signal is used to enable an external
EEPROM device.
EECLK/MA4
2
A12
O
EEPROM Clock: During an EEPROM access (EESEL asserted),
this pin is an output used to drive the serial clock to an external
EEPROM device.
EEDI/MA3
1
B12
O
EEPROM Data In: During an EEPROM access (EESEL asserted),
this pin is an output used to drive opcode, address, and data to an
external serial EEPROM device.
EEDO/MD4
138
E11
I
EEPROM Data Out: During an EEPROM access (EESEL asserted),
this pin is an input used to retrieve EEPROM serial read data.
This pin has an internal weak pull up.
MD1/CFGDISN
133
F13
I/O
Configuration Disable: When pulled low at power-on time, disables
load of configuration data from the EEPROM. Use 1 K
Ω to ground to
disable configuration load.


Similar Part No. - DP83815DVNG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83815DVNG TI1-DP83815DVNG Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
DP83815DVNG/NOPB TI1-DP83815DVNG/NOPB Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
More results

Similar Description - DP83815DVNG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
logo
National Semiconductor ...
DP83816 NSC-DP83816 Datasheet
814Kb / 106P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
DP83816 NSC-DP83816 Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
DP83816EX TI1-DP83816EX Datasheet
843Kb / 108P
[Old version datasheet]   DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
[Old version datasheet]   10/100 Mb/s Ethernet Physical Layer
logo
National Semiconductor ...
DP83840A NSC-DP83840A Datasheet
434Kb / 89P
   10/100 Mb/s Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com