Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMF-50174NB-FW Datasheet(PDF) 9 Page - OPTREX CORPORATION

Part # DMF-50174NB-FW
Description  LCD Module Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF-50174NB-FW Datasheet(HTML) 9 Page - OPTREX CORPORATION

Back Button DMF-50174NB-FW Datasheet HTML 5Page - OPTREX CORPORATION DMF-50174NB-FW Datasheet HTML 6Page - OPTREX CORPORATION DMF-50174NB-FW Datasheet HTML 7Page - OPTREX CORPORATION DMF-50174NB-FW Datasheet HTML 8Page - OPTREX CORPORATION DMF-50174NB-FW Datasheet HTML 9Page - OPTREX CORPORATION DMF-50174NB-FW Datasheet HTML 10Page - OPTREX CORPORATION DMF-50174NB-FW Datasheet HTML 11Page - OPTREX CORPORATION DMF-50174NB-FW Datasheet HTML 12Page - OPTREX CORPORATION DMF-50174NB-FW Datasheet HTML 13Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DMF-50174ZNB-FW
(AT)
No.2000-0166
OPTREX CORPORATION
Page 9/18
OPTREX
3.3.Definition of Viewing Angle and Optimum Viewing Area
・Point ● shows the point where contrast ratio is measured. : θ= 0 ゚, φ=-゚
・Driving condition : 1/240 Duty, 1/14 Bias, VD=23.3V, fF=70Hz
・Area
shows typ. CR≧2
3.4.System Block Diagram
270 ゚
0 ゚
90 ゚
180 ゚
270 ゚
θ
φ
135 ゚
315 ゚
225 ゚
45 ゚
180 ゚
90 ゚
(φ= 0 ゚)
φ
10 20 30 40 50
θ
φ
Halogen bulb
Computer
Rotation Table (θ,φ)
Temperature Chamber
LCD
Optical Fiber
Waveform Generator
Control Unit &
#1980A WB
Photometer
θ


Similar Part No. - DMF-50174NB-FW

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMF-50174ZNB-FW OPTREX-DMF-50174ZNB-FW Datasheet
186Kb / 18P
   LCD Module Specification
More results

Similar Description - DMF-50174NB-FW

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com