Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1GU04DRLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DRLR
Description  Single Inverter Gate
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DRLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1GU04DRLR Datasheet HTML 1Page - Texas Instruments SN74LVC1GU04DRLR Datasheet HTML 2Page - Texas Instruments SN74LVC1GU04DRLR Datasheet HTML 3Page - Texas Instruments SN74LVC1GU04DRLR Datasheet HTML 4Page - Texas Instruments SN74LVC1GU04DRLR Datasheet HTML 5Page - Texas Instruments SN74LVC1GU04DRLR Datasheet HTML 6Page - Texas Instruments SN74LVC1GU04DRLR Datasheet HTML 7Page - Texas Instruments SN74LVC1GU04DRLR Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
A
Y
2
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1GU04
SCES215Y – APRIL 1999 – REVISED DECEMBER 2017
SN74LVC1GU04 Single Inverter Gate
1
1 Features
1
Available in the Texas Instruments
NanoFree™ Package
Supports 5-V VCC Operation
Inputs Accept Voltages to 5.5 V
Unbuffered Output
Maximum tpd of 3.7 ns at 3.3 V
Low Power Consumption, 10-μA Maximum ICC
±24-mA Output Drive at 3.3 V
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
2 Applications
AV Receivers
Blu-ray Players and Home Theaters
DVD Recorders and Players
Desktop or Notebook PCs
Digital Radio or Internet Radio Players
Digital Video Cameras (DVC)
Embedded PCs
GPS: Personal Navigation Devices
Mobile Internet Devices
Network Projector Front-Ends
Portable Media Players
Pro Audio Mixers
Smoke Detectors
Solid-State Drive (SSD): Enterprise
High-Definition (HDTV)
Tablets: Enterprise
Audio Docks: Portable
DLP Front Projection Systems
DVR and DVS
Digital Picture Frame (DPF)
Digital Still Cameras
3 Description
This single inverter gate is designed for 1.65-V to
5.5-V VCC operation.
The SN74LVC1GU04 device contains one inverter
with an unbuffered output and performs the Boolean
function Y = A.
NanoFree
package
technology
is
a
major
breakthrough in device packaging concepts, using the
die as the package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1GU04DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74LVC1GU04DCK
SC70 (5)
2.00 mm × 1.25 mm
SN74LVC1GU04DRL
SOT-5X3 (5)
1.60 mm × 1.20 mm
SN74LVC1GU04DRY
SON (6)
1.45 mm × 1.00 mm
SN74LVC1GU04DSF
SON (6)
1.00 mm × 1.00 mm
SN74LVC1GU04YZP
DSBGA (5)
1.44 mm × 0.94 mm
SN74LVC1GU04YZV
DSBGA (4)
0.91 mm × 0.91 mm
SN74LVC1GU04DPW
X2SON (5)
0.80 mm × 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Similar Part No. - SN74LVC1GU04DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04DRLR TI-SN74LVC1GU04DRLR Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04DRLR TI-SN74LVC1GU04DRLR Datasheet
643Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04DRLR TI-SN74LVC1GU04DRLR Datasheet
709Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04DRLR TI1-SN74LVC1GU04DRLR Datasheet
1Mb / 30P
[Old version datasheet]   Single Inverter Gate
More results

Similar Description - SN74LVC1GU04DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com