Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6010A4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6010A4
Description  STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6010A4 Datasheet(HTML) 5 Page - Texas Instruments

  TPA6010A4 Datasheet HTML 1Page - Texas Instruments TPA6010A4 Datasheet HTML 2Page - Texas Instruments TPA6010A4 Datasheet HTML 3Page - Texas Instruments TPA6010A4 Datasheet HTML 4Page - Texas Instruments TPA6010A4 Datasheet HTML 5Page - Texas Instruments TPA6010A4 Datasheet HTML 6Page - Texas Instruments TPA6010A4 Datasheet HTML 7Page - Texas Instruments TPA6010A4 Datasheet HTML 8Page - Texas Instruments TPA6010A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
OPERATING CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA6010A4
SLOS268B – JUNE 2000 – REVISED AUGUST 2004
V
DD = 5 V, TA = 25°C, RL = 4 Ω, Gain = 6 dB, BTL mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 10%
2.7
PO
Output power
RL = 3 Ω, f = 1 kHz
W
THD = 1%
2.2
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 15 kHz
0.45%
BOM
Bandwidth, maximum output power
THD = 1%
>15
kHz
f = 20 Hz to 20 kHz,
kSVR
Supply ripple rejection ratio
BTL mode
56
dB
CBypass = 1 µF, Vripple = 200 mVpp
BTL mode
50
CBypass = 1 µF,
Vn
Output noise voltage
µVRMS
f = 20 Hz to 20 kHz
SE mode
32
xtalk
Crosstalk
f = 20 Hz to 20 kHz
BTL mode
-80
dB
V
DD = 5 V, TA = 25°C, RL = 8 Ω, Gain = 6 dB, BTL mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.06%,
f = 1 kHz
1
W
THD + N
Total harmonic distortion plus noise
PO = 0.5 W,
f = 20 Hz to 15 kHz
0.5%
BOM
Bandwidth, maximum output power
THD = 1%
>15
kHz
f = 20 Hz to 20 kHz,
kSVR
Supply ripple rejection ratio
BTL mode
56
dB
CBypass = 1 µF, Vripple = 200 mVpp
BTL mode
50
CB = 1 µF,
Vn
Output noise voltage
µVRMS
f = 20 Hz to 20 kHz
SE mode
32
xtalk
Crosstalk
f = 20 Hz to 20 kHz
BTL mode
-80
dB
5


Similar Part No. - TPA6010A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

Similar Description - TPA6010A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com