Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G06DRLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G06DRLR
Description  Single Inverter Buffer/Driver With Open-Drain Output
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06DRLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G06DRLR Datasheet HTML 1Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 2Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 3Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 4Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
A
Y
2
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1G06
SCES295Z – JUNE 2000 – REVISED NOVEMBER 2017
SN74LVC1G06 Single Inverter Buffer/Driver With Open-Drain Output
1
1 Features
1
ESD Protection Exceeds JESD 22
2000-V Human Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
Available in the Texas Instruments
NanoFree™ Package
Supports 5-V VCC Operation
Input and Open-Drain Output Accept
Voltages up to 5.5 V
Maximum tpd of 4.5 ns at 3.3 V at 125°C
Low Power Consumption, 10-µA Maximum ICC
±24-mA Output Drive at 3.3 V for open-drain
devices
Ioff Supports Partial-Power-Down Mode and Back-
Drive Protection
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Can Be Used For Up or Down Translation
Schmitt Trigger Action on All Ports
2 Applications
AV Receivers
Blu-ray Players and Home Theaters
DVD Recorders and Players
Desktop or Notebook PCs
Digital Radio or Internet Radio Players
Digital Video Cameras (DVC)
Embedded PCs
GPS: Personal Navigation Devices
Mobile Internet Devices
Network Projector Front-Ends
Portable Media Players
Pro Audio Mixers
Smoke Detectors
Solid State Drive (SSD): Enterprise
High-Definition (HDTV)
Tablets: Enterprise
Audio Docks: Portable
DLP Front Projection Systems
DVR and DVS
Digital Picture Frame (DPF)
Digital Still Cameras
3 Description
This single inverter buffer and driver is designed for
1.65-V to 5.5-V VCC operation.
NanoFree
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
The output of the SN74LVC1G06 device is open-
drain and can be connected to other open-drain
outputs to implement active-low wired-OR or active-
high wired-AND functions. The maximum sink current
is 32 mA.
This device is fully specified for partial-power-down
applications using Ioff.The Ioff circuitry disables the
outputs when the device is powered down. This
inhibits current backflow into the device which
prevents damage to the device.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1G06DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74LVC1G06DCK
SC70 (5)
2.00 mm × 1.25 mm
SN74LVC1G06DRL
SOT-5X3 (5)
1.60 mm × 1.20 mm
SN74LVC1G06DRY
SON (6)
1.45 mm × 1.00 mm
SN74LVC1G06DSF
SON (6)
1.00 mm x 1.00 mm
SN74LVC1G06YZP
DSBGA (5)
1.40 mm × 0.90 mm
SN74LVC1G06YZV
DSBGA (4)
0.90 mm × 0.90 mm
SN74LVC1G06DPW
X2SON (5)
0.80 mm x 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Similar Part No. - SN74LVC1G06DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06DRLR TI-SN74LVC1G06DRLR Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DRLR TI1-SN74LVC1G06DRLR Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DRLR TI1-SN74LVC1G06DRLR Datasheet
1Mb / 30P
[Old version datasheet]   Single Inverter Buffer/Driver
SN74LVC1G06DRLRG4 TI1-SN74LVC1G06DRLRG4 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results

Similar Description - SN74LVC1G06DRLR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06_08 Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06_09 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVC1G06_1010 DIODES-74LVC1G06_1010 Datasheet
247Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DBVTG4 TI1-SN74LVC1G06DBVTG4 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06 Datasheet
306Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G06_1012 DIODES-74LVCE1G06_1012 Datasheet
248Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com