Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL1CHKRKP1 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTL1CHKRKP1
Description  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL1CHKRKP1 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTL1CHKRKP1 Datasheet HTML 3Page - Lite-On Technology Corporation LTL1CHKRKP1 Datasheet HTML 4Page - Lite-On Technology Corporation LTL1CHKRKP1 Datasheet HTML 5Page - Lite-On Technology Corporation LTL1CHKRKP1 Datasheet HTML 6Page - Lite-On Technology Corporation LTL1CHKRKP1 Datasheet HTML 7Page - Lite-On Technology Corporation LTL1CHKRKP1 Datasheet HTML 8Page - Lite-On Technology Corporation LTL1CHKRKP1 Datasheet HTML 9Page - Lite-On Technology Corporation LTL1CHKRKP1 Datasheet HTML 10Page - Lite-On Technology Corporation LTL1CHKRKP1 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Suggested checking list :
Training and Certification
1. Everyone working in a static-safe area is ESD-certified?
2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1. Static-safe workstation or work-areas have ESD signs?
2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3. All ionizer activated, positioned towards the units?
4. Each work surface mats grounding is good?
Personnel Grounding
1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or
conductive shoes with conductive flooring?
2. If conductive footwear used, conductive flooring also present where operator stand or walk?
3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DSL?
5. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
1. Every ESDS items identified by EIA-471 labels on item or packaging?
2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe
workstation?
3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4. All flexible conductive and dissipative package materials inspected before reuse or recycle?
Others
1. Audit result reported to entity ESD control coordinator?
2. Corrective action from previous audits completed?
3. Are audit records complete and on file?
Part No. : LTL1CHKRKP1
Page :
9
of
10
BNS-OD-C131/A4


Similar Part No. - LTL1CHKRKP1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL1CHKRK LITEON-LTL1CHKRK Datasheet
143Kb / 4P
   High luminous intensity output
LTL1CHKRK-012 LITEON-LTL1CHKRK-012 Datasheet
355Kb / 6P
   Through Hole Lamp
LTL1CHKRK-071A LITEON-LTL1CHKRK-071A Datasheet
370Kb / 6P
   Through Hole Lamp
LTL1CHKRKNN LITEON-LTL1CHKRKNN Datasheet
429Kb / 6P
   Through Hole Lamp
LTL1CHKRKNN-002A LITEON-LTL1CHKRKNN-002A Datasheet
1Mb / 11P
   Through Hole Lamp
More results

Similar Description - LTL1CHKRKP1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com