Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP3503 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP3503
Description  TOSHIBA Photocoupler GaAs IRed & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP3503 Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3503
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
µA
Capacitance
CT
V = 0, f = 1MHz
30
pF
Peak off
-state current
IDRM
VDRM = 400V, Ta = 110°C
100
µA
Peak on
-state voltage
VTM
ITM = 0.75A
3.0
V
Holding current
IH
RL = 100Ω
25
mA
Critical rate of rise of
off
-state voltage
dv / dt
Vin = 120Vrms
(fig.1)
200
500
V / µs
Critical rate of rise of
commutating voltage
dv / dt (c)
Vin = 120Vrms, IT = 0.5Arms
(fig. 1)
5
V / µs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT=6V
10
mA
Inhibit voltage
VIH
IF=Rated IFT
50
V
Leakage in inhibited state
IIH
IF=Rated IFT
VT= Rated VDRM
200
µA
Capacitance
(input to output)
CS
VS=0, f=1MHz
0.8
pF
Isolation resistance
RS
VS=500V
5×10
10
10
14
AC, 1 minute
2500
AC, 1 second, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
5000
Vdc
Fig.1: dv / dt test circuit
dv / dt (c)
5V, VCC
0V
Vin
VCC
RL
2
3
8
6
5
Rin
120Ω
dv / dt


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn