Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP3503 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP3503
Description  TOSHIBA Photocoupler GaAs IRed & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP3503 Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3503
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
∆IF / °C
-0.7
mA / °C
Peak forward current (100µs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state output terminal voltage
VDRM
400
V
Ta = 40°C
0.5
On
-state RMS current
Ta = 60°C
IT (RMS)
0.35
A
On
-state current derating (Ta ≥ 40°C)
∆IT / °C
-7.2
mA / °C
Peak current from snubber circuit (100µs
pulse, 120pps)
ISP
2
A
Peak nonrepetitive surge current (50Hz, peak)
ITSM
5
A
Junction temperature
Tj
110
°C
Storage temperature range
Tstg
-40~125
°C
Operating temperature range
Topr
-20~80
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage (AC, 1min., R.H. ≤ 60%)
(Note)
BVS
2500
Vrms
(Note) Device considered a two terminal: LED side pins shorted together
and detector side pins shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
120
Vac
Forward current
IF
15
20
25
mA
Peak current from snubber
circuit
ISP
1
A
Operating temperature
Topr
-20
80
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn