Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP3503 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP3503
Description  TOSHIBA Photocoupler GaAs IRed & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP3503 Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3503
2002-09-25
4
IT (RMS) – Ta
Ambient temperature Ta (°C)
0.8
0
-20
1.0
0.6
0.4
0.2
0
20
40
60
80
100
120
IF – VF
Forward voltage VF (V)
0.6
0.1
100
10
5
3
1
0.5
0.3
1.0
1.2
1.6
0.8
1.4
1.8
30
50
Ta = 25°C
Δ
VF / ΔTa – IF
0.4
0.1
2.8
2.4
2.0
1.6
1.2
0.8
0.3
1
3
10
30
50
0.5
5
Forward current IF (mA)
IFP – DR
Duty cycle ratio DR
3
10
5000
1000
500
300
100
50
30
10
–2
3
3
3
10
–3
10
–1
10
0
3000
Pulse width≦100μs
Ta = 25°C
IFP – VFP
Pulse forward voltage VFP (V)
0.6
1000
1
500
300
100
50
30
10
5
3
1.0
1.4
1.8
2.2
2.6
Pulse width≦10μs
repetitive frequency
= 100Hz
Ta = 25°C
3.0
IF – Ta
Ambient temperature Ta (°C)
0
80
0
-20
100
60
40
20
20
40
60
80
100
120


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn