Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199CL-15VC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C199CL-15VC
Description  32K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199CL-15VC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C199CL-15VC Datasheet HTML 1Page - Cypress Semiconductor CY7C199CL-15VC Datasheet HTML 2Page - Cypress Semiconductor CY7C199CL-15VC Datasheet HTML 3Page - Cypress Semiconductor CY7C199CL-15VC Datasheet HTML 4Page - Cypress Semiconductor CY7C199CL-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C199CL-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C199CL-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C199CL-15VC Datasheet HTML 8Page - Cypress Semiconductor CY7C199CL-15VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY7C199C
Document #: 38-05408 Rev. *A
Page 5 of 12
Capacitance4
AC Test Loads
ICC
VCC Operating
Supply Current
VCC = Max., IOUT = 0 mA, f = FMAX =
1/tRC
75
75
mA
ISB1
Automatic CE
Power–down
Current TTL Inputs
Max. VCC, CE ≥ VIH, VIN ≥ VIH or VIN
≤ V
IL, f = FMAX
30
30
mA
L
10
10
mA
ISB2
Automatic CE
Power–down
Current CMOS
Inputs
Max. VCC, CE ≥ VCC – 0.3V, VIN
VCC – 0.3V, or VIN ≤ 0.3V, f = 0
10
10
mA
L
500
500
uA
IOZ
Output Leakage
Current
GND
≤ Vi ≤ V
CC, Output Disabled
–5
+5
–5
+5
uA
IIX
Input Load Current
GND
≤ Vi ≤ V
CC
–5
+5
–5
+5
uA
Parameter
Description
Conditions
Max
Unit
ALL – PACKAGES
CIN
Input Capacitance
TA = 25C, f = 1 MHz,
VCC = 5.0V
8
pF
COUT
Output Capacitance
8
Notes:
4. Tested initially and after any design or process change that may affect these parameters.
Parameter
Description
Condition
Power
20 ns
25 ns
Unit
Min
Max
Min
Max
VCC
VSS
Rise Time
1 V/ns
Fall Time
1 V/ns
All Input Pulses
90%
10%
90%
10%
V
Output
R1
R2
C1
CC
V
Output
R3
C2
CC
R4
Output Loads
Output Loads
for t
HZOE,tHZCE &tHZWE
* including scope and jig capacitance
(B)*
(A)*
R
th
T
V
Thevenin Equivalent


Similar Part No. - CY7C199CL-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
399Kb / 18P
   256 K (32 K x 8) Static RAM 2.0 V data retention
CY7C199CN-12VC CYPRESS-CY7C199CN-12VC Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN-12VC CYPRESS-CY7C199CN-12VC Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C199CL-15VC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com