Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXN1010-3DAL Datasheet(PDF) 5 Page - Sony Corporation

Part # CXN1010-3DAL
Description  Bluetooth Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXN1010-3DAL Datasheet(HTML) 5 Page - Sony Corporation

  CXN1010-3DAL Datasheet HTML 1Page - Sony Corporation CXN1010-3DAL Datasheet HTML 2Page - Sony Corporation CXN1010-3DAL Datasheet HTML 3Page - Sony Corporation CXN1010-3DAL Datasheet HTML 4Page - Sony Corporation CXN1010-3DAL Datasheet HTML 5Page - Sony Corporation CXN1010-3DAL Datasheet HTML 6Page - Sony Corporation CXN1010-3DAL Datasheet HTML 7Page - Sony Corporation CXN1010-3DAL Datasheet HTML 8Page - Sony Corporation CXN1010-3DAL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
– 5 –
CXN1010
Electrical Characteristics
Absolute Maximum Ratings
Item
Storage temperature
Supply voltage
Max.
+85
1.90
3.60
Min.
–20
–0.40
–0.40
Unit
°C
V
V
Recommended Operating Conditions
Item
Operating temperature range
Supply voltage
Max.
+85
1.90
3.60
Min.
–20
1.70
2.30
Unit
°C
V
V
Input/Output Terminal Characteristics
(Temperature: –20 to +85°C)
This I/O pin characteristics is the Bluetooth IC specifications used internally of the CXN1010.
Digital Terminals
Input Voltage
VIL input logic level low
VIH input logic level high
Output Voltage
VOL output logic level low
(IO = 4.0mA)
VOH output logic level high
(IO = 4.0mA)
Input and Tristate Current with:
Weak pull-up
Weak pull-down
I/O pad leakage current
CI input capacitance
Unit
V
V
V
V
V
V
V
µA
µA
µA
pF
VDD1.8
VDD3.0
VDD1.8
VDD3.0
VDD3.0 = 3.0V
VDD1.8 = 1.8V
VDD3.0 = 3.0V
VDD1.8 = 1.8V
VDD3.0 = 3.0V
VDD1.8 = 1.8V
Typ.
–1
1
0
Min.
–0.4
–0.4
0.7
× VDD3.0
VDD3.0 – 0.2
VDD1.8 – 0.4
–5
0
–1
2.5
Max.
0.8
0.4
VDD3.0 + 0.4
0.2
0.4
0
5
1
10
R


Similar Part No. - CXN1010-3DAL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXN1000 SONY-CXN1000 Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3AAL SONY-CXN1000-3AAL Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3BAL SONY-CXN1000-3BAL Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3CAL SONY-CXN1000-3CAL Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3DAL SONY-CXN1000-3DAL Datasheet
140Kb / 24P
   Bluetooth Module
More results

Similar Description - CXN1010-3DAL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
   Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
   Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
   Bluetooth Module
BTM8610 BUDDIES-BTM8610 Datasheet
970Kb / 23P
   Bluetooth Module
BTM8610M BUDDIES-BTM8610M Datasheet
939Kb / 22P
   Bluetooth Module
BTM8640 BUDDIES-BTM8640 Datasheet
975Kb / 24P
   Bluetooth Module
BTM8645M BUDDIES-BTM8645M Datasheet
927Kb / 23P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com