Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199C Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C199C
Description  32K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199C Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C199C Datasheet HTML 1Page - Cypress Semiconductor CY7C199C Datasheet HTML 2Page - Cypress Semiconductor CY7C199C Datasheet HTML 3Page - Cypress Semiconductor CY7C199C Datasheet HTML 4Page - Cypress Semiconductor CY7C199C Datasheet HTML 5Page - Cypress Semiconductor CY7C199C Datasheet HTML 6Page - Cypress Semiconductor CY7C199C Datasheet HTML 7Page - Cypress Semiconductor CY7C199C Datasheet HTML 8Page - Cypress Semiconductor CY7C199C Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
32K x 8 Static RAM
CY7C199C
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05408 Rev. *A
Revised September 11, 2003
Features
• Fast access time: 12 ns, 15 ns, 20 ns, and 25 ns
• Wide voltage range: 5.0V ± 10% (4.5V to 5.5V)
• CMOS for optimum speed/power
• TTL–compatible Inputs and Outputs
• Available in 28 DIP, 28 SOJ, and 28 TSOP I.
• 2.0V Data Retention
• Low CMOS standby power
• Automated Power–down when deselected
General Description1
The CY7C199C is a high–performance CMOS Asynchronous
SRAM organized as 32K by 8 bits that supports an
asynchronous memory interface. The device features an
automatic power–down feature that significantly reduces
power consumption when deselected.
See the Truth Table in this datasheet for a complete
description of read and write modes.
The CY7C199C is available in 28 DIP, 28 SOJ, and 28 TSOP
I package(s).
Product Portfolio
Notes:
1. For best–practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
12 ns
15 ns
20 ns
25 ns
Unit
Maximum Access Time
12
15
20
25
ns
Maximum Operating Current
85
80
75
75
mA
Maximum CMOS Standby Current
(low power)
500
500
500
500
uA
RAM Array
Column Decoder
Input Buffer
A
X
Power
Down
Circuit
I/Ox
OE
WE
CE
X
Logic Block Diagram


Similar Part No. - CY7C199C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
399Kb / 18P
   256 K (32 K x 8) Static RAM 2.0 V data retention
CY7C199CN-12VC CYPRESS-CY7C199CN-12VC Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN-12VC CYPRESS-CY7C199CN-12VC Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C199C

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com