Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA358 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # RA358
Description  Standard Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

RA358 Datasheet(HTML) 1 Page - Diotec Semiconductor

  RA358 Datasheet HTML 1Page - Diotec Semiconductor RA358 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RA251 ... RA2510
RA251 ... RA2510
Standard Recovery Rectifier Diodes
Gleichrichterdioden mit Standard-Sperrverzug
IFAV = 25 A
VF
< 1.1 V
Tjmax = 175°C
VRRM = 100...1000 V
IFSM = 375/400 A
trr
~ 1500 ns
Version 2017-12-22
Ø 8.5 x 4.2
Button-Diode
Dimensions - Maße [mm]
Typical Applications
On-board alternators
Polarity protection
Commercial grade 1)
Typische Anwendungen
Bordnetz-Generatoren
Verpolschutz
Standardausführung 1)
Features
High surge current rating
VRRM up to 1000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Hohe Stoßstromfestigkeit
VRRM bis zu 1000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Packed in cardboard trays
1000
Verpackt in Einlagekartons
Weight approx.
1.9 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Marking:
Kennzeichnung:
Colored ring denotes “cathode”
Farbiger Ring kennzeichnet “Kathode”
Maximum ratings 2)
Grenzwerte 2)
Repetive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
RA351
100
100
RA352
200
200
RA354
400
400
RA356
600
600
RA358
800
800
RA3510
1000
1000
Max. average forward rectified current
Dauergrenzstrom in Einwegschaltung
TC = 110°C 3)
IFAV
25 A
Peak forward surge current
Stoßstrom in Fluss-Richtung
Half sine-wave
Sinus-Halbwelle
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
375 A
400 A
Rating for fusing
Grenzlastintegral
t < 10 ms
i2t
680 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Temperature measured at the metallic terminals – Temperatur an den metallischen Anschlüssen gemessen
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS


Similar Part No. - RA358

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
RA358 DIOTEC-RA358 Datasheet
162Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
SHENZHEN YONGERJIA INDU...
RA358 WINNERJOIN-RA358 Datasheet
149Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA358 DIOTEC-RA358 Datasheet
233Kb / 2P
   Silicon-Rectifiers ??Button Diodes
RA358 DIOTEC-RA358 Datasheet
261Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Chenmko Enterprise Co. ...
RA358PT CHENMKO-RA358PT Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER
More results

Similar Description - RA358

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
   Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
   STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
PX1500A DIOTEC-PX1500A_15 Datasheet
140Kb / 2P
   Standard Recovery Rectifier Diodes
BY251 DIOTEC-BY251_15 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
P2000A DIOTEC-P2000A_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
P2000ATL DIOTEC-P2000ATL_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
1N4001 DIOTEC-1N4001_17 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
1N4001S DIOTEC-1N4001S Datasheet
143Kb / 2P
   Standard Recovery Rectifier Diodes
1N5059 DIOTEC-1N5059_15 Datasheet
136Kb / 2P
   Standard Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com