Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA92 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MPSA92
Description  High Voltage PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MPSA92 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MPSA92_18 Datasheet HTML 1Page - Diotec Semiconductor MPSA92_18 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPSA92
MPSA92
High Voltage PNP Transistors
Hochspannungs-PNP-Transistoren
IC
= - 500 mA
hFE1 > 40
Tjmax = 150°C
VCEO = - 300 V
Ptot = 625 mW
Version 2018-01-19
TO-92 (10D3)
(1)
(2)
Dimensions - Maße [mm]
Typical Applications
Signal processing,
Switching, Amplification
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schalten, Verstärken
Standardausführung 1)
Features
High collector voltage
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Hohe Kollektorspannung
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
(1) Taped in ammo pack
(Raster 2.54)
(2) On request: in bulk
(Raster 1.27, suffix “BK”)
4000
5000
(1) Gegurtet in Ammo-Pack
(Raster 2.54)
(2) Auf Anfrage: Schüttgut
(Raster 1.27, Suffix “BK”)
Weight approx.
0.18 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
MPSA42
Maximum ratings 2)
Grenzwerte 2)
MPSA92
Collector-Emitter-voltage
Kollektor-Emitter-Spannung
B open
- VCEO
300 V
Collector-Base-voltage
Kollektor-Basis-Spannung
E open
- VCBO
300 V
Emitter-Base-voltage
Emitter-Basis-Spannung
C open
- VEBO
5 V
Power dissipation
Verlustleistung
Ptot
625 mW 3)
Collector current
Kollektorstrom
DC
- IC
500 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Valid, if leads are kept at ambient temperature at a distance of 2 mm from the case
Gültig, wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
2 x 2.54
E B C
2 x 1.27
E B C
4.6
±0.1
Pb
RoHS


Similar Part No. - MPSA92_18

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA92 ONSEMI-MPSA92_10 Datasheet
110Kb / 5P
   High Voltage Transistors
July, 2010 ??Rev. 6
logo
Micro Commercial Compon...
MPSA92 MCC-MPSA92_11 Datasheet
237Kb / 3P
   PNP Silicon High Voltage Transistor
MPSA92 MCC-MPSA92_13 Datasheet
319Kb / 3P
   PNP Silicon High Voltage Transistor
logo
Central Semiconductor C...
MPSA92 CENTRAL-MPSA92_15 Datasheet
526Kb / 4P
   SILICON HIGH VOLTAGE PNP TRANSISTORS
logo
KEC(Korea Electronics)
MPSA92 KEC-MPSA92_15 Datasheet
311Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - MPSA92_18

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT5401 WEITRON-MMBT5401 Datasheet
291Kb / 5P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
BF621_623 PHILIPS-BF621_623_15 Datasheet
132Kb / 10P
   PNP high-voltage transistors
2004 Dec 14
logo
Weitron Technology
MPSA92 WEITRON-MPSA92 Datasheet
169Kb / 4P
   High-Voltage PNP Transistors
logo
Motorola, Inc
BF421 MOTOROLA-BF421 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
NXP Semiconductors
BF821 PHILIPS-BF821 Datasheet
41Kb / 8P
   PNP high-voltage transistors
1999 Apr 15
logo
Weitron Technology
MPSA94 WEITRON-MPSA94 Datasheet
1Mb / 4P
   High-Voltage PNP Transistors
logo
Guangdong Kexin Industr...
BF821 KEXIN-BF821 Datasheet
37Kb / 1P
   PNP High-Voltage Transistors
logo
NXP Semiconductors
BF870 PHILIPS-BF870 Datasheet
43Kb / 5P
   PNP high-voltage transistors
1996 Dec 09
BF821 NXP-BF821 Datasheet
105Kb / 6P
   PNP high-voltage transistors
2004 Jan 16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com