Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS53L32A-KZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS53L32A-KZ
Description  Low Voltage, Stereo A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A-KZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS53L32A-KZ Datasheet HTML 1Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 2Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 3Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 4Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 5Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 6Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 7Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 8Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
CS53L32A
DS513F1
5
ANALOG CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Base-rate Mode
High-rate Mode
Unit
Min
Typ
Max
Min
Typ
Max
Total Harmonic Distortion + Noise (PGA on)*
(Note 1)
0 dB Gain
18 to 24-Bit
-1 dB
12 dB Gain
18 to 24-Bit
-1 dB
THD+N
-
-
78
73
-
-
-
-
77
76
-
-
dB
dB
CS53L32A-KZ/KZZ Analog Input Characteristics for VA=1.8 V - 3.3 V
Interchannel Isolation
1 kHz
-
90
-
-
90
-
dB
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Offset Error
with High Pass Filter
-
-
0
-
-
0
LSB
Full Scale Input Voltage
-5%
VA/3.6
+5%
-5%
VA/3.6 +5%
Vrms
Gain Drift
-
100
-
-
100
-
ppm/°C
Input Resistance
10
-
-
10
-
-
k
Input Capacitance
-
-
15
-
-
15
pF
CS53L32A-BZ Analog Input Characteristics for VA = 1.8 V
Dynamic Range
A-weighted
unweighted
86
83
93
90
-
-
87
84
94
91
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
-1 dB
-20 dB
-60 dB
16-Bit
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-88
-70
-30
-86
-68
-28
-81
-
-
-
-
-
-
-
-
-
-
-
-88
-71
-31
-86
-68
-28
-81
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Dynamic Range (PGA on)*
0 dB Gain
A-weighted
unweighted
12 dB Gain
A-weighted
unweighted
-
-
-
-
90
87
85
82
-
-
-
-
-
-
-
-
89
86
86
83
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (PGA on)*
(Note 1)
0 dB Gain
18 to 24-Bit
-1 dB
12 dB Gain
18 to 24-Bit
-1 dB
THD+N
-
-
85
83
-
-
-
-
84
82
-
-
dB
dB
CS53L32A-BZ Analog Input Characteristics for VA = 3.0 V
Dynamic Range
A-weighted
unweighted
89
86
96
93
-
-
91
88
98
95
-
-
dB
dB


Similar Part No. - CS53L32A-KZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
   Low-Power Quad-Channel Microphone ADC with TDM Output
More results

Similar Description - CS53L32A-KZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1804 TI1-PCM1804_14 Datasheet
611Kb / 36P
[Old version datasheet]   STEREO A/D CONVERTER
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
   STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com