Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0752-200CM Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0752-200CM
Description  1.85mm Male to 1.85mm Male Cable 200 cm Length Using PE-P086 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0752-200CM Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0752-200CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0752-200CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0752-200CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0752-200CM Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: 1.85mm Male
• Connector 2: 1.85mm Male
• Cable Type: PE-P086
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
50
GHz
VSWR
1.4:1
Velocity of Propagation
69.5
%
RF Shielding
110
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
3
5
10
18
GHz
Insertion Loss (Typ.)
1.76
3.09
4.02
5.87
7.67
dB
VSWR (Max.)
1.3:1
1.3:1
1.3:1
1.4:1
1.4:1
.
Mechanical Specifications
Cable Assembly
Length*
78.740158 in [200 cm]
Diameter
0.375 in [9.53 mm]
.
Weight
0.065 lbs [29.48 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Male to 1.85mm Male Cable 200 cm Length Using PE-P086 Coax PE3C0752-200CM
PE3C0752-200CM REV 1.1
1.85mm Male to 1.85mm Male Cable 200 cm
Length Using PE-P086 Coax
RF Cable Assemblies Technical Data Sheet
PE3C0752-200CM


Similar Part No. - PE3C0752-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0752-24 PASTERNACK-PE3C0752-24 Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 24 Inch Length Using PE-P086 Coax
More results

Similar Description - PE3C0752-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0752-100CM PASTERNACK-PE3C0752-100CM Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0752-150CM PASTERNACK-PE3C0752-150CM Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 150 cm Length Using PE-P086 Coax
PE3C0752 PASTERNACK-PE3C0752 Datasheet
459Kb / 4P
   1.85mm Male to 1.85mm Male Cable Using PE-P086 Coax
PE3C0751-150CM PASTERNACK-PE3C0751-150CM Datasheet
447Kb / 4P
   2.4mm Male to 1.85mm Male Cable 150 cm Length Using PE-P086 Coax
PE3C0752-24 PASTERNACK-PE3C0752-24 Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 24 Inch Length Using PE-P086 Coax
PE3C0751-50CM PASTERNACK-PE3C0751-50CM Datasheet
447Kb / 4P
   2.4mm Male to 1.85mm Male Cable 50 cm Length Using PE-P086 Coax
PE3C0751-100CM PASTERNACK-PE3C0751-100CM Datasheet
447Kb / 4P
   2.4mm Male to 1.85mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0752-12 PASTERNACK-PE3C0752-12 Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 12 Inch Length Using PE-P086 Coax
PE3C0752-36 PASTERNACK-PE3C0752-36 Datasheet
457Kb / 4P
   1.85mm Male to 1.85mm Male Cable 36 Inch Length Using PE-P086 Coax
PE3C0752-60 PASTERNACK-PE3C0752-60 Datasheet
457Kb / 4P
   1.85mm Male to 1.85mm Male Cable 60 Inch Length Using PE-P086 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com