Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0752-48 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C0752-48
Description  1.85mm Male to 1.85mm Male Cable 48 InchLength Using PE-P086 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0752-48 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C0752-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0752-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0752-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0752-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3C0752
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C0752-12 = 12 inches long cable
PE3C0752-100cm = 100 cm long cable
1.85mm Male to 1.85mm Male Cable 48 Inch Length Using PE-P086 Coax from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Male to 1.85mm Male Cable 48 Inch Length Using PE-P086 Coax PE3C0752-48
URL: https://www.pasternack.com/1.85mm-male-1.85mm-male-pe-p086-cable-assembly-pe3c0752-48-p.aspx
PE3C0752-48 REV 1.1
RF Cable Assemblies Technical Data Sheet
1.85mm Male to 1.85mm Male Cable 48 Inch
Length Using PE-P086 Coax
PE3C0752-48


Similar Part No. - PE3C0752-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0752-100CM PASTERNACK-PE3C0752-100CM Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0752-12 PASTERNACK-PE3C0752-12 Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 12 Inch Length Using PE-P086 Coax
PE3C0752-150CM PASTERNACK-PE3C0752-150CM Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 150 cm Length Using PE-P086 Coax
PE3C0752-200CM PASTERNACK-PE3C0752-200CM Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 200 cm Length Using PE-P086 Coax
PE3C0752-24 PASTERNACK-PE3C0752-24 Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 24 Inch Length Using PE-P086 Coax
More results

Similar Description - PE3C0752-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0751-48 PASTERNACK-PE3C0751-48 Datasheet
447Kb / 4P
   2.4mm Male to 1.85mm Male Cable 48 InchLength Using PE-P086 Coax
PE3C0752 PASTERNACK-PE3C0752 Datasheet
459Kb / 4P
   1.85mm Male to 1.85mm Male Cable Using PE-P086 Coax
PE3C0751-12 PASTERNACK-PE3C0751-12 Datasheet
447Kb / 4P
   2.4mm Male to 1.85mm Male Cable 12 InchLength Using PE-P086 Coax
PE3C0751-60 PASTERNACK-PE3C0751-60 Datasheet
447Kb / 4P
   2.4mm Male to 1.85mm Male Cable 60 InchLength Using PE-P086 Coax
PE3C0752-50CM PASTERNACK-PE3C0752-50CM Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 50 cmLength Using PE-P086 Coax
PE3C0752-24 PASTERNACK-PE3C0752-24 Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 24 Inch Length Using PE-P086 Coax
PE3C0752-200CM PASTERNACK-PE3C0752-200CM Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 200 cm Length Using PE-P086 Coax
PE3C0752-100CM PASTERNACK-PE3C0752-100CM Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0752-12 PASTERNACK-PE3C0752-12 Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 12 Inch Length Using PE-P086 Coax
PE3C0752-150CM PASTERNACK-PE3C0752-150CM Datasheet
456Kb / 4P
   1.85mm Male to 1.85mm Male Cable 150 cm Length Using PE-P086 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com