Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3405A-1.8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3405A-1.8
Description  1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405A-1.8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3405A-1.8 Datasheet HTML 2Page - Linear Technology LTC3405A-1.8 Datasheet HTML 3Page - Linear Technology LTC3405A-1.8 Datasheet HTML 4Page - Linear Technology LTC3405A-1.8 Datasheet HTML 5Page - Linear Technology LTC3405A-1.8 Datasheet HTML 6Page - Linear Technology LTC3405A-1.8 Datasheet HTML 7Page - Linear Technology LTC3405A-1.8 Datasheet HTML 8Page - Linear Technology LTC3405A-1.8 Datasheet HTML 9Page - Linear Technology LTC3405A-1.8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC3405A-1.5/LTC3405A-1.8
sn3405a1518 3405a1518fs
FU CTIO AL DIAGRA
OPERATIO (Refer to Functional Diagram)
Main Control Loop
The LTC3405A Fixed output voltage series parts use a
constant frequency, current mode step-down architec-
ture. Their main (P-channel MOSFET) and synchronous
(N-channel MOSFET) switches are internal. During normal
operation, the internal top power MOSFET is turned on
each cycle when the oscillator sets the RS latch, and turned
off when the current comparator, ICOMP, resets the RS
latch. The peak inductor current at which ICOMP resets the
RS latch, is controlled by the output of error amplifier EA.
When the load current increases, the output voltage de-
creases which causes a slight decrease in VFB relative to
the 1.2V reference, which in turn, causes the EA amplifier’s
output voltage to increase until the average inductor
current matches the new load current. While the top
MOSFET is off, the bottom MOSFET is turned on until
either the inductor current starts to reverse, as indicated by
the current reversal comparator IRCMP, or the beginning of
the next clock cycle.
Comparator OVDET guards against transient overshoots
> 7.8% by turning the main switch off and keeping it off
until the fault is removed.
Burst Mode Operation
The LTC3405A series parts are capable of Burst Mode
operation in which the internal power MOSFETs operate
intermittently based on load demand. To enable Burst
Mode operation, simply connect the MODE pin to GND. To
disable Burst Mode operation and enable PWM pulse
skipping mode, connect the MODE pin to VIN or drive it
with a logic high (VMODE > 1.5V). In this mode, the
efficiency is lower at light loads, but becomes comparable
to Burst Mode operation when the output load exceeds
25mA. The advantage of pulse skipping mode is lower
output ripple and less interference to audio circuitry.
+
+
+
OVDET
EA
IRCMP
+
ICOMP
5
1
RUN
OSC
SLOPE
COMP
OSC
FREQ
SHIFT
1.2V
R1
LTC3405A-1.5
R1 = 110k
R2 = 440k
LTC3405A-1.8
R1 = 180k
R2 = 360k
R2
1.294V
1.2V REF
SHUTDOWN
OV
0.4V
0.65V
SLEEP
VIN
VOUT
6
MODE
EN
BURST
VIN
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
Q
Q
5
4
SW
3
GND
3405A1518 BD
2
VFB


Similar Part No. - LTC3405A-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.8 LINER-LTC3405A-1.8 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results

Similar Description - LTC3405A-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A Datasheet
214Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com