Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3403EDD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3403EDD
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403EDD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3403EDD Datasheet HTML 6Page - Linear Technology LTC3403EDD Datasheet HTML 7Page - Linear Technology LTC3403EDD Datasheet HTML 8Page - Linear Technology LTC3403EDD Datasheet HTML 9Page - Linear Technology LTC3403EDD Datasheet HTML 10Page - Linear Technology LTC3403EDD Datasheet HTML 11Page - Linear Technology LTC3403EDD Datasheet HTML 12Page - Linear Technology LTC3403EDD Datasheet HTML 13Page - Linear Technology LTC3403EDD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC3403
3403f
Table 1. Representative Surface Mount Inductors
Part
Value
DCR
MAX DC
Size
Number
(
µH)
(
ΩMAX)
Current (A)
WxLxH (mm3)
Sumida
1.5
0.068
0.90
3.2 x 3.2 x 1.2
CDRH2D11
2.2
0.098
0.78
3.3
0.123
0.60
Sumida
2.2
0.041
0.85
3.2 x 3.2 x 2.0
CDRH2D18/LD
3.3
0.054
0.75
4.7
0.078
0.63
Sumida
2.2
0.116
0.95
3.5 x 4.1 x 0.8
CMD4D06
3.3
0.174
0.77
4.7
0.216
0.75
Murata
1.0
0.060
1.00
2.5 x 3.2 x 2.0
LQH32C
2.2
0.097
0.79
4.7
0.150
0.65
Taiyo Yuden
1.0
0.080
0.78
1.8 x 2.5 x 1.8
LQLBC2518
1.5
0.110
0.66
2.2
0.130
0.60
Toko
2.2
0.14
1.14
4.6 x 4.6 x 1.2
D412F
3.3
0.20
0.90
4.7
0.22
0.80
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum
RMS capacitor current is given by:
C
required I
I
VV
V
V
IN
RMS
OMAX
OUT
IN
OUT
IN
[(
)] /
12
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do not
offer much relief. Note that the capacitor manufacturer’s
ripple current ratings are often based on 2000 hours of life.
This makes it advisable to further derate the capacitor, or
choose a capacitor rated at a higher temperature than
required. Always consult the manufacturer if there is any
question.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment for COUT has been met, the RMS current rating
generally far exceeds the IRIPPLE(P-P) requirement. The
output ripple VOUT is determined by:
∆≅ ∆
+


V
I ESR
fC
OUT
L
OUT
1
8
where f = operating frequency, COUT = output capacitance
and IL = ripple current in the inductor. For a fixed output
voltage, the output ripple is highest at maximum input
voltage since IL increases with input voltage.
Aluminum electrolytic and dry tantalum capacitors are
both available in surface mount configurations. In the case
of tantalum, it is critical that the capacitors are surge tested
for use in switching power supplies. An excellent choice is
the AVX TPS series of surface mount tantalum. These are
specially constructed and tested for low ESR so they give
the lowest ESR for a given volume. Other capacitor types
include Sanyo POSCAP, Kemet T510 and T495 series, and
Sprague 593D and 595D series. Consult the manufacturer
for other specific recommendations.
The bulk capacitance values in Figure 1(a) (CIN = 10µF,
COUT = 4.7µF) are tailored to mobile phone applications, in
which the output voltage is expected to slew quickly
according to the needs of the power amplifier. Holding the
output capacitor to 4.7
µF facilitates rapid charging and
discharging. When the output voltage descends quickly in
forced continuous mode, the LTC3403 will actually pull
current from the output until the command from VREF is
satisfied. On alternate half cyles, this current actually exits
the VIN terminal, potentially causing a rise in VIN and
forcing current into the battery. To prevent deterioration
of the battery, use sufficient bulk capacitance with low
ESR; at least 10
µF is recommended.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC3403EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3403 LINER-LTC3403 Datasheet
933Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403_15 Datasheet
933Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
More results

Similar Description - LTC3403EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3408 LINER-LTC3408_15 Datasheet
166Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403_15 Datasheet
933Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3408 LINER-LTC3408 Datasheet
156Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Champion Microelectroni...
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com