Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2086N Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # PEB2086N
Description  ISDN SubscribernAccess Controller
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2086N Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  PEB2086N Datasheet HTML 1Page - Siemens Semiconductor Group PEB2086N Datasheet HTML 2Page - Siemens Semiconductor Group PEB2086N Datasheet HTML 3Page - Siemens Semiconductor Group PEB2086N Datasheet HTML 4Page - Siemens Semiconductor Group PEB2086N Datasheet HTML 5Page - Siemens Semiconductor Group PEB2086N Datasheet HTML 6Page - Siemens Semiconductor Group PEB2086N Datasheet HTML 7Page - Siemens Semiconductor Group PEB2086N Datasheet HTML 8Page - Siemens Semiconductor Group PEB2086N Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 320 page
background image
Data Classification
Maximum Ratings
Maximum ratings are absolute ratings; exceeding only one of these values may cause
irreversible damage to the integrated circuit.
Characteristics
The listed characteristics are ensured over the operating range of the integrated circuit.
Typical characteristics specify mean values expected over the production spread. If not
otherwise specified, typical characteristics apply at TA = 25 °C and the given supply voltage.
Operating Range
In the operating range the functions given in the circuit description are fulfilled.
For detailed technical information about “Processing Guidelines” and “Quality
Assurance” for ICs, see our “Product Overview”.
Edition 10.94
This edition was realized using the software system FrameMaker®.
Published by Siemens AG, Bereich Halbleiter, Marketing-Kommunikation,
Balanstraße 73, D-81541 München.
© Siemens AG 1994. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for
applications, processes and circuits implemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, delivery and prices please contact the Semiconductor Group Offices in Germany
or the Siemens Companies and Representatives worldwide (see address list).
Due to technical requirements components may contain dangerous substances. For information on the types in
question please contact your nearest Siemens Office, Semiconductor Group.
Siemens AG is an approved CECC manufacturer.
Packing
Please use the recycling operators known to you. We can also help you - get in touch with your nearest sales
office. By agreement we will take packing material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to in-
voice you for any costs incurred.
PEB 2085/PEB 2086
Revision History: 10.94
Previous Releases: 11.88; 3.89; 12.89; 02.95
Page
Subjects (changes since last revision)
The present documentation is an editorial update of the
Technical Manual 12.89


Similar Part No. - PEB2086N

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PEB2080 PULSE-PEB2080 Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
Siemens Semiconductor G...
PEB2080 SIEMENS-PEB2080 Datasheet
1Mb / 73P
   S/T Bus Interface Circuit (SBC)
PEB2084 SIEMENS-PEB2084 Datasheet
1Mb / 72P
   Quadruple Transceiver for S/T Interface QUAT-S
logo
Infineon Technologies A...
PEB2084 INFINEON-PEB2084 Datasheet
1Mb / 269P
   ICs for Communications Extended PCM Interface Controller
02.97
logo
Pulse A Technitrol Comp...
PEB2084 PULSE-PEB2084 Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
More results

Similar Description - PEB2086N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2025 SIEMENS-PEB2025 Datasheet
689Kb / 21P
   ISDN Exchange Power Controller
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
Siemens Semiconductor G...
PSB2120 SIEMENS-PSB2120 Datasheet
292Kb / 20P
   ISDN Remote Power Controller
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
   ISDN HDLC AND GCI CONTROLLER
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
   Enhanced ISDN Data Access Controller ISAR
logo
Winbond
W6692 WINBOND-W6692 Datasheet
515Kb / 104P
   PCI Bus ISDN S/T-Controller
W6694 WINBOND-W6694 Datasheet
472Kb / 33P
   USB Bus ISDN S/T-Controller
logo
Siemens Semiconductor G...
PSB2186 SIEMENS-PSB2186 Datasheet
1Mb / 240P
   ISDN Subscriber Access Controller for Terminals
logo
Infineon Technologies A...
PEB2426 INFINEON-PEB2426 Datasheet
345Kb / 30P
   Quad ISDN High Voltage Power Controller
06.99 DS 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com