Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSI-LXW08DNS-I12V Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSI-LXW08DNS-I12V
Description  M6 PANEL MOUND INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSI-LXW08DNS-I12V Datasheet(HTML) 1 Page - LUMEX INC.

  SSI-LXW08DNS-I12V Datasheet HTML 1Page - LUMEX INC. SSI-LXW08DNS-I12V Datasheet HTML 2Page - LUMEX INC. SSI-LXW08DNS-I12V Datasheet HTML 3Page - LUMEX INC. SSI-LXW08DNS-I12V Datasheet HTML 4Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBERING SYSTEM
SERIES
MOUNTING HOLE
PLATING TYPE
TERMINAL TYPE
-
LED COLOR
(DIFFUSED)
VOLTAGE RANGE
"SSI-LXW"
"12"
"D"
"N"
"S"
"G"
"2V"
06: M6
F: FLAT
N: BRASS, NICKEL PLATED
S: SOLDER SLUG
I: RED
6V
08: M8
D: DOMED
S: STAINLESS STEEL
W: SCREW TERMINAL
G: GREEN (InGaN)
12V
10: M10
T: T-FLAT
K: BRASS, BLACK NICKEL PLATED
Y: YELLOW
24V
12: M12
O: ORANGE
36V
14: M14
B: BLUE (InGaN)
110V*
16: M16
W: WHITE (InGaN)
220V*
19: M19
22: M22
25: M25


Similar Part No. - SSI-LXW08DNS-I12V

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXW08DNS-I LUMEX-SSI-LXW08DNS-I Datasheet
239Kb / 4P
   M6 PANEL MOUND INDICATOR
More results

Similar Description - SSI-LXW08DNS-I12V

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXW06DNS-I LUMEX-SSI-LXW06DNS-I Datasheet
175Kb / 3P
   M6 PANEL MOUND INDICATOR
SSI-LXW06DNS-Y LUMEX-SSI-LXW06DNS-Y Datasheet
175Kb / 3P
   M6 PANEL MOUND INDICATOR
SSI-LXW06DNS-I12V LUMEX-SSI-LXW06DNS-I12V Datasheet
175Kb / 3P
   M6 PANEL MOUND INDICATOR
SSI-LXW06DNS-G LUMEX-SSI-LXW06DNS-G Datasheet
175Kb / 3P
   M6 PANEL MOUND INDICATOR
SSI-LXW08DNS-I LUMEX-SSI-LXW08DNS-I Datasheet
239Kb / 4P
   M6 PANEL MOUND INDICATOR
SSI-LXW06DNS-G12V LUMEX-SSI-LXW06DNS-G12V Datasheet
175Kb / 3P
   M6 PANEL MOUND INDICATOR
SSI-LXW06DNS-Y12V LUMEX-SSI-LXW06DNS-Y12V Datasheet
175Kb / 3P
   M6 PANEL MOUND INDICATOR
logo
Toshiba Semiconductor
TLWWK1100B TOSHIBA-TLWWK1100B Datasheet
238Kb / 10P
   Panel Circuit Indicator
TLRMH17TP TOSHIBA-TLRMH17TP Datasheet
205Kb / 7P
   Panel Circuit Indicator
TLRK1100C TOSHIBA-TLRK1100C Datasheet
292Kb / 13P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com