Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSI-LXR5093YD Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSI-LXR5093YD
Description  T-1 3/4 AMBER DIFFUSED LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSI-LXR5093YD Datasheet(HTML) 1 Page - LUMEX INC.

  SSI-LXR5093YD Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSI-LXR5093YD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXR5093AD LUMEX-SSI-LXR5093AD Datasheet
53Kb / 1P
   T-1 3/4 AMBER DIFFUSED LED
SSI-LXR5093GD LUMEX-SSI-LXR5093GD Datasheet
71Kb / 1P
   T-1 3/4 AMBER DIFFUSED LED
SSI-LXR5093ID LUMEX-SSI-LXR5093ID Datasheet
73Kb / 1P
   T-1 3/4 AMBER DIFFUSED LED
More results

Similar Description - SSI-LXR5093YD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXR5093AD LUMEX-SSI-LXR5093AD Datasheet
53Kb / 1P
   T-1 3/4 AMBER DIFFUSED LED
SSI-LXR5093GD LUMEX-SSI-LXR5093GD Datasheet
71Kb / 1P
   T-1 3/4 AMBER DIFFUSED LED
SSI-LXR5093ID LUMEX-SSI-LXR5093ID Datasheet
73Kb / 1P
   T-1 3/4 AMBER DIFFUSED LED
logo
List of Unclassifed Man...
SSL-LX3044AD ETC1-SSL-LX3044AD Datasheet
48Kb / 1P
   T-3mm (T-1) 605mm AMBER LED, AMBER DIFFUSED LENS
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
LUMEX INC.
SSL-LX20333AD LUMEX-SSL-LX20333AD Datasheet
54Kb / 2P
   T-1.8mm STOVEPIPE LED, 610nm AMBER LED, AMBER DIFFUSED LENS.
logo
Fairchild Semiconductor
MV5094A FAIRCHILD-MV5094A Datasheet
188Kb / 4P
   BIPOLAR T-1 3/4 (5mm) LED LAMP - DIFFUSED
logo
Ningbo Foryard Optoelec...
FYL-5012AD1C FORYARD-FYL-5012AD1C Datasheet
272Kb / 5P
   Amber diffused led
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com