Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LJCKBP-JZKZ-25-1 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LJCKBP-JZKZ-25-1
Description  OSLON Signal
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LJCKBP-JZKZ-25-1 Datasheet(HTML) 3 Page - OSRAM GmbH

  LJCKBP-JZKZ-25-1 Datasheet HTML 1Page - OSRAM GmbH LJCKBP-JZKZ-25-1 Datasheet HTML 2Page - OSRAM GmbH LJCKBP-JZKZ-25-1 Datasheet HTML 3Page - OSRAM GmbH LJCKBP-JZKZ-25-1 Datasheet HTML 4Page - OSRAM GmbH LJCKBP-JZKZ-25-1 Datasheet HTML 5Page - OSRAM GmbH LJCKBP-JZKZ-25-1 Datasheet HTML 6Page - OSRAM GmbH LJCKBP-JZKZ-25-1 Datasheet HTML 7Page - OSRAM GmbH LJCKBP-JZKZ-25-1 Datasheet HTML 8Page - OSRAM GmbH LJCKBP-JZKZ-25-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Version 1.2
LJ CKBP
2016-03-29
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 120
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 120
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
Tj
175
°C
Junction temperature
Sperrschichttemperatur
T
j
150
°C
Forward current
Durchlassstrom
(TS = 25 °C)
I
F
30 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
IFM
2000
mA
Reverse voltage 2) page 21
Sperrspannung 2) Seite 21
(TS = 25 °C)
V
R
5
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
VESD
8
kV
Note:
*The median lifetime (L70/B50) for Tj = 175°C is 100h.
Anm:
*Die mittlere Lebensdauer (L70/B50) bei Tj = 175°C beträgt 100h.


Similar Part No. - LJCKBP-JZKZ-25-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LJCKBP-JZKZ-25-1 OSRAM-LJCKBP-JZKZ-25-1 Datasheet
977Kb / 22P
   SMD ceramic package with silicone resin with lens
LJCKBP-JZKZ-25-1 OSRAM-LJCKBP-JZKZ-25-1 Datasheet
1,001Kb / 22P
   OSLON Signal
More results

Similar Description - LJCKBP-JZKZ-25-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
   OSLON Signal
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
   OSLON Signal
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
   OSLON Signal
LTCQBP OSRAM-LTCQBP_18 Datasheet
964Kb / 21P
   OSLON Signal
LYCKBP OSRAM-LYCKBP Datasheet
960Kb / 21P
   OSLON Signal
LBCRBP OSRAM-LBCRBP Datasheet
938Kb / 21P
   OSLON Signal
LTCQBP OSRAM-LTCQBP Datasheet
966Kb / 21P
   OSLON Signal
LCYCLBP OSRAM-LCYCLBP Datasheet
766Kb / 22P
   OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
   OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
   OSLON Black
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com