Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3082 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3082
Description  XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3082 Datasheet HTML 3Page - International Rectifier IR3082 Datasheet HTML 4Page - International Rectifier IR3082 Datasheet HTML 5Page - International Rectifier IR3082 Datasheet HTML 6Page - International Rectifier IR3082 Datasheet HTML 7Page - International Rectifier IR3082 Datasheet HTML 8Page - International Rectifier IR3082 Datasheet HTML 9Page - International Rectifier IR3082 Datasheet HTML 10Page - International Rectifier IR3082 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
IR3082
Page 7 of 7
12/17/04
PWM Control Method
The PWM block diagram of the XPhase
TM architecture is shown in Figure 3. Feed-forward voltage mode control with
trailing edge modulation is used. A high-gain wide-bandwidth voltage type error amplifier in the Control IC is used
for the voltage control loop. An external RC circuit connected to the input voltage and ground is used to program the
slope of the PWM ramp and to provide the feed-forward control at each phase. The PWM ramp slope will change
with the input voltage and automatically compensate for changes in the input voltage. The input voltage can change
due to variations in the silver box output voltage or due to drops in the PCB related to changes in load current.
PWM
COMPARATOR
SHARE
ADJUST
ERROR
AMP
RPHS1
RVFB
+
-
+
-
CSCOMP
RPHS2
+
-
+
-
RPHS2
+
-
CPWMRMP
X 0.9
+
-
CPWMRMP
+
-
X 0.9
RPHS1
+
-
+
-
+
-
RCS
RPWMRMP
+
-
CCS
RCS
+
-
CCS
10K
+-
RDRP
+
-
CSCOMP
+
-
VOUT
GND
RPWMRMP
VBIAS
VDAC
BIASIN
PWMRMP
DACIN
VOSNS+
VOSNS-
RAMPIN+
RAMPIN-
ISHARE
VOSNS-
VDRP
IIN
SCOMP
GATEH
EAIN
GATEL
CSIN+
CSIN-
RMPOUT
EAOUT
FB
VIN
BIASIN
PWMRMP
DACIN
RAMPIN+
RAMPIN-
ISHARE
SCOMP
GATEH
EAIN
GATEL
CSIN+
CSIN-
20mV
IROSC
PWM
COMPARATOR
+
+
SYSTEM
REFERENCE
VOLTAGE
CLOCK
PULSE
GENERATOR
ENABLE
RAMP
DISCHARGE
CLAMP
BODY
BRAKING
COMPARATOR
CURRENT
SENSE
AMPLIFIER
PWM
LATCH
DOMINANT
RESET
S
R
X34
PHASE IC
+
-
+
+
SYSTEM
REFERENCE
VOLTAGE
VBIAS
REGULATOR
CLOCK
PULSE
GENERATOR
ENABLE
RAMP
DISCHARGE
CLAMP
BODY
BRAKING
COMPARATOR
VDAC
VDRP
AMP
IFB
VPEAK
VVALLEY
RAMP GENERATOR
50%
DUTY
CYCLE
CURRENT
SENSE
AMPLIFIER
PWM
LATCH
DOMINANT
RESET
RAMP
SLOPE
ADJUST
S
R
X34
ERROR
AMP
CONTROL IC
COUT
SHARE
ADJUST
ERROR
AMP
+
-
10K
20mV
+
-
PHASE IC
RAMP
SLOPE
ADJUST
Figure 3 – IR3082 PWM Block Diagram
Frequency and Phase Timing Control
The oscillator is located in the Control IC and its frequency is programmable from 150kHz to 1MHZ by an external
resistor. The output of the oscillator is a 50% duty cycle triangle waveform with peak and valley voltages of
approximately 5V and 1V. This signal is used to program both the switching frequency and phase timing of the
Phase ICs. The Phase IC is programmed by resistor divider RRAMP1 and RRAMP2 connected between the VBIAS
reference voltage and the Phase IC LGND pin. A comparator in the Phase ICs detects the crossing of the oscillator
waveform with the voltage generated by the resistor divider and triggers a clock pulse that starts the PWM cycle.
The peak and valley voltages track the VBIAS voltage reducing potential Phase IC timing errors. Figure 4 shows the
Phase timing for an 8 phase converter. Note that both slopes of the triangle waveform can be used for
synchronization by swapping the RAMP+ and RAMP- pins, as shown in Figure 3.


Similar Part No. - IR3082

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080 IRF-IR3080 Datasheet
395Kb / 21P
   XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080M IRF-IR3080M Datasheet
395Kb / 21P
   XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080MPBF IRF-IR3080MPBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080MTR IRF-IR3080MTR Datasheet
395Kb / 21P
   XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
More results

Similar Description - IR3082

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
   3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
   2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
logo
International Rectifier
IR3081 IRF-IR3081 Datasheet
396Kb / 20P
   XPHASE VR 10.0 CONTROL IC
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP_06 Datasheet
738Kb / 95P
   AMD Athlon??64 Processor Power and Thermal Data Sheet
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
   AMD Athlon 64 Processor Power and Thermal Data Sheet
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
International Rectifier
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
   XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com