Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2P-ACD Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2P-ACD
Description  ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
Download  457 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2P-ACD Datasheet(HTML) 100 Page - Texas Instruments

Back Button TDA2P-ACD Datasheet HTML 96Page - Texas Instruments TDA2P-ACD Datasheet HTML 97Page - Texas Instruments TDA2P-ACD Datasheet HTML 98Page - Texas Instruments TDA2P-ACD Datasheet HTML 99Page - Texas Instruments TDA2P-ACD Datasheet HTML 100Page - Texas Instruments TDA2P-ACD Datasheet HTML 101Page - Texas Instruments TDA2P-ACD Datasheet HTML 102Page - Texas Instruments TDA2P-ACD Datasheet HTML 103Page - Texas Instruments TDA2P-ACD Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 457 page
background image
100
TDA2P-ACD
SPRS996C – MARCH 2017 – REVISED DECEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2P-ACD
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
Table 4-18. GMAC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rgmii0_rxc
RGMII0 Receive Clock
I
U4
rgmii0_rxctl
RGMII0 Receive Control
I
V4
rgmii0_rxd0
RGMII0 Receive Data
I
W1
rgmii0_rxd1
RGMII0 Receive Data
I
Y2
rgmii0_rxd2
RGMII0 Receive Data
I
V3
rgmii0_rxd3
RGMII0 Receive Data
I
W2
rgmii0_txc
RGMII0 Transmit Clock
O
T6
rgmii0_txctl
RGMII0 Transmit Enable
O
U5
rgmii0_txd0
RGMII0 Transmit Data
O
T5
rgmii0_txd1
RGMII0 Transmit Data
O
U6
rgmii0_txd2
RGMII0 Transmit Data
O
T3
rgmii0_txd3
RGMII0 Transmit Data
O
T4
rgmii1_rxc
RGMII1 Receive Clock
I
D4
rgmii1_rxctl
RGMII1 Receive Control
I
A3
rgmii1_rxd0
RGMII1 Receive Data
I
A4
rgmii1_rxd1
RGMII1 Receive Data
I
C4
rgmii1_rxd2
RGMII1 Receive Data
I
B4
rgmii1_rxd3
RGMII1 Receive Data
I
B3
rgmii1_txc
RGMII1 Transmit Clock
O
E6
rgmii1_txctl
RGMII1 Transmit Enable
O
C1
rgmii1_txd0
RGMII1 Transmit Data
O
B5
rgmii1_txd1
RGMII1 Transmit Data
O
B2
rgmii1_txd2
RGMII1 Transmit Data
O
C3
rgmii1_txd3
RGMII1 Transmit Data
O
C2
mii1_col
MII1 Collision Detect (Sense)
I
B4
mii1_crs
MII1 Carrier Sense
I
C4
mii1_rxclk
MII1 Receive Clock
I
E6
mii1_rxdv
MII1 Receive Data Valid
I
C1
mii1_rxer
MII1 Receive Data Error
I
B3
mii1_txclk
MII1 Transmit Clock
I
C2
mii1_txen
MII1 Transmit Data Enable
O
A4
mii1_txer
MII1 Transmit Error
I
A3
mii1_rxd0
MII1 Receive Data
I
C5
mii1_rxd1
MII1 Receive Data
I
D1
mii1_rxd2
MII1 Receive Data
I
E4
mii1_rxd3
MII1 Receive Data
I
G3
mii1_txd0
MII1 Transmit Data
O
C3
mii1_txd1
MII1 Transmit Data
O
B2
mii1_txd2
MII1 Transmit Data
O
B5
mii1_txd3
MII1 Transmit Data
O
D4
mii0_col
MII0 Collision Detect (Sense)
I
V1
mii0_crs
MII0 Carrier Sense
I
T4
mii0_rxclk
MII0 Receive Clock
I
Y1
mii0_rxdv
MII0 Receive Data Valid
I
V2
mii0_rxer
MII0 Receive Data Error
I
T3
mii0_txclk
MII0 Transmit Clock
I
U4
mii0_txen
MII0 Transmit Data Enable
O
V3


Similar Part No. - TDA2P-ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
More results

Similar Description - TDA2P-ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2P-ABZ TI1-TDA2P-ABZ_19 Datasheet
5Mb / 464P
[Old version datasheet]   Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
[Old version datasheet]   TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com