Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2P-ACD Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2P-ACD
Description  ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
Download  457 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2P-ACD Datasheet(HTML) 55 Page - Texas Instruments

Back Button TDA2P-ACD Datasheet HTML 51Page - Texas Instruments TDA2P-ACD Datasheet HTML 52Page - Texas Instruments TDA2P-ACD Datasheet HTML 53Page - Texas Instruments TDA2P-ACD Datasheet HTML 54Page - Texas Instruments TDA2P-ACD Datasheet HTML 55Page - Texas Instruments TDA2P-ACD Datasheet HTML 56Page - Texas Instruments TDA2P-ACD Datasheet HTML 57Page - Texas Instruments TDA2P-ACD Datasheet HTML 58Page - Texas Instruments TDA2P-ACD Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 457 page
background image
Copyright © 2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2P-ACD
55
TDA2P-ACD
www.ti.com
SPRS996C – MARCH 2017 – REVISED DECEMBER 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
PHxx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
V8
vddshv7
vddshv7
PWR
U7
vddshv8
vddshv8
PWR
N7, P8
vddshv9
vddshv9
PWR
J7, K8, L7
vddshv10
vddshv10
PWR
H8
vddshv11
vddshv11
PWR
AA21, AA23, T22,
U23, V22, W21,
W23, Y22
vdds_ddr1
vdds_ddr1
PWR
J23, K22, L21, L23,
N21, N23, P22
vdds_ddr2
vdds_ddr2
PWR
R7, T8
vdds_mlbp
vdds_mlbp
PWR
K10, K12, L11, L13,
L9, M10, M12, M14
vdd_dspeve
vdd_dspeve
PWR
V10, V12, V14,
W11, W13, W9
vdd_gpu
vdd_gpu
PWR
T18, U19, V18
vdd_iva
vdd_iva
PWR
K16, K18, K20, L15,
L17, L19, M16,
M18, M20
vdd_mpu
vdd_mpu
PWR
AD8
vin1a_clk0
vin1a_clk0
0
I
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vout3_d16
3
O
vout3_fld
4
O
gpio2_30
14
IO
Driver off
15
I
AE9
vin1a_d0
vin1a_d0
0
I
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vout3_d7
3
O
vout3_d23
4
O
uart8_rxd
5
I
1
ehrpwm1A
10
O
gpio3_4
14
IO
Driver off
15
I
AF10
vin1a_d1
vin1a_d1
0
I
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vout3_d6
3
O
vout3_d22
4
O
uart8_txd
5
O
ehrpwm1B
10
O
gpio3_5
14
IO
Driver off
15
I


Similar Part No. - TDA2P-ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
More results

Similar Description - TDA2P-ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2P-ABZ TI1-TDA2P-ABZ_19 Datasheet
5Mb / 464P
[Old version datasheet]   Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
[Old version datasheet]   TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com