Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN7022LFGQ-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN7022LFGQ-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN7022LFGQ-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN7022LFGQ-7 Datasheet HTML 1Page - Diodes Incorporated DMN7022LFGQ-7 Datasheet HTML 2Page - Diodes Incorporated DMN7022LFGQ-7 Datasheet HTML 3Page - Diodes Incorporated DMN7022LFGQ-7 Datasheet HTML 4Page - Diodes Incorporated DMN7022LFGQ-7 Datasheet HTML 5Page - Diodes Incorporated DMN7022LFGQ-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN7022LFGQ
Document number: DS39840 Rev. 2 - 2
2 of 6
www.diodes.com
August 2017
© Diodes Incorporated
DMN7022LFGQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
75
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
7.8
6.2
A
Continuous Drain Current (Note 8) VGS = 10V
Steady
State
TC = +25°C
TC = +70°C
ID
23
18
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
56
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2.1
A
Pulsed Body Diode Forward Current (10µs Pulse, Duty Cycle = 1%)
ISM
50
A
Avalanche Current, L = 0.1mH (Note 9)
IAS
28.8
A
Avalanche Energy, L = 0.1mH (Note 9)
EAS
42.2
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
PD
0.9
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
125
°C/W
t<10s
67
Total Power Dissipation (Note 7)
PD
2
W
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RJA
62
°C/W
t<10s
34
Thermal Resistance, Junction to Case (Note 8)
RJC
6.9
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 10)
Drain-Source Breakdown Voltage
BVDSS
75
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current (TJ = +25°C )
IDSS
1
µA
VDS = 75V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 10)
Gate Threshold Voltage
VGS(TH)
1
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
14.6
22
m
Ω
VGS = 10V, ID = 7.2A
20.5
28
VGS = 4.5V, ID = 6.4A
Diode Forward Voltage
VSD
0.72
V
VGS = 0V, IS = 3.2A
DYNAMIC CHARACTERISTICS (Note 11)
Input Capacitance
Ciss
2737
pF
VDS = 35V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
126
pF
Reverse Transfer Capacitance
Crss
96.1
pF
Gate Resistance
Rg
0.89
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
26.4
nC
VDS = 38V, ID = 7.2A
Total Gate Charge (VGS = 10V)
Qg
56.5
nC
Gate-Source Charge
Qgs
12
nC
Gate-Drain Charge
Qgd
11.8
nC
Turn-On Delay Time
tD(ON)
6.1
ns
VGS = 10V, VDS = 38V,
Rg = 1Ω, ID = 5.7A
Turn-On Rise Time
tR
5.7
ns
Turn-Off Delay Time
tD(OFF)
19.6
ns
Turn-Off Fall Time
tF
3.9
ns
Body Diode Reverse Recovery Time
tRR
26.2
ns
IF = 5.7A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
25.2
nC
Notes:
6. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
8. Thermal resistance from junction to soldering point (on the exposed drain pad).
9. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
10. Short duration pulse test used to minimize self-heating effect.
11. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN7022LFGQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN7022LFG DIODES-DMN7022LFG Datasheet
328Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMN7022LFG-13 DIODES-DMN7022LFG-13 Datasheet
334Kb / 6P
   75V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN7022LFG-13 DIODES-DMN7022LFG-13 Datasheet
328Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMN7022LFG-7 DIODES-DMN7022LFG-7 Datasheet
334Kb / 6P
   75V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN7022LFG-7 DIODES-DMN7022LFG-7 Datasheet
328Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN7022LFGQ-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com