Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216CHMC0GMJB0G107C030AA Datasheet(PDF) 9 Page - TDK Electronics

Part # C3216CHMC0GMJB0G107C030AA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216CHMC0GMJB0G107C030AA Datasheet(HTML) 9 Page - TDK Electronics

Back Button C3216CHMC0GMJB0G107C030AA Datasheet HTML 5Page - TDK Electronics C3216CHMC0GMJB0G107C030AA Datasheet HTML 6Page - TDK Electronics C3216CHMC0GMJB0G107C030AA Datasheet HTML 7Page - TDK Electronics C3216CHMC0GMJB0G107C030AA Datasheet HTML 8Page - TDK Electronics C3216CHMC0GMJB0G107C030AA Datasheet HTML 9Page - TDK Electronics C3216CHMC0GMJB0G107C030AA Datasheet HTML 10Page - TDK Electronics C3216CHMC0GMJB0G107C030AA Datasheet HTML 11Page - TDK Electronics C3216CHMC0GMJB0G107C030AA Datasheet HTML 12Page - TDK Electronics C3216CHMC0GMJB0G107C030AA Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
(9/56)
20170710 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Please refer to the capacitance range table after P-24 for the details such as product thickness and capacitance tolerance.
Capacitance range chart
C1005 [0402 inch]
Capacitance
Tolerance
C0G
CH
Standard thickness
0.50 mm
(pF)
Code
1H
(50V)
1E
(25V)
1H
(50V)
0.5
0R5
B:±0.10pF
C:±0.25pF
0.75
R75
1010
1.5
1R5
2020
3030
4040
5050
6060
C:±0.25pF
D:±0.50pF
7070
8080
9090
10
100
12
120
F:±1%
G:±2%
J:±5%
15
150
18
180
22
220
27
270
33
330
39
390
47
470
56
560
68
680
82
820
100
101
F:±1%
G:±2%
J:±5%
K:±10%
120
121
150
151
180
181
220
221
270
271
330
331
390
391
470
471
560
561
680
681
820
821
1,000
102
Background gray: The product which is not recommended to a new design.


Similar Part No. - C3216CHMC0GMJB0G107C030AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216CH1A010B050A TDK-C3216CH1A010B050A Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216CH1A0R5B050A TDK-C3216CH1A0R5B050A Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216CH1A100B050A TDK-C3216CH1A100B050A Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216CH1E103J TDK-C3216CH1E103J Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
C3216CH1E104J TDK-C3216CH1E104J Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
More results

Similar Description - C3216CHMC0GMJB0G107C030AA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com