Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN67D7L-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN67D7L-7
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN67D7L-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN67D7L-7 Datasheet HTML 1Page - Diodes Incorporated DMN67D7L-7 Datasheet HTML 2Page - Diodes Incorporated DMN67D7L-7 Datasheet HTML 3Page - Diodes Incorporated DMN67D7L-7 Datasheet HTML 4Page - Diodes Incorporated DMN67D7L-7 Datasheet HTML 5Page - Diodes Incorporated DMN67D7L-7 Datasheet HTML 6Page - Diodes Incorporated DMN67D7L-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN67D7L
Document number: DS39026 Rev. 2 - 2
4 of 7
www.diodes.com
October 2017
© Diodes Incorporated
DMN67D7L
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS=5V, ID=50mA
V
GS=10V, ID=500mA
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D=250μA
I
D=1mA
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
0.2
0.4
0.6
0.8
1
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS=0V,
T
J=-55℃
V
GS=0V,
T
J=25℃
V
GS=0V, TJ=85℃
V
GS=0V, TJ=125℃
V
GS=0V, TJ=150℃
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
Q
g (nC)
Figure 11. Gate Charge
V
DS=10V, ID=250mA
0.001
0.01
0.1
1
10
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max)=150℃
T
C=25℃
Single Pulse
DUT on 1*MRP board
V
GS=10V
R
DS(ON) LIMITED
P
W=10s
DC
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100µs


Similar Part No. - DMN67D7L-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN67D8L DIODES-DMN67D8L Datasheet
531Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN67D8L-13 DIODES-DMN67D8L-13 Datasheet
531Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN67D8L-7 DIODES-DMN67D8L-7 Datasheet
531Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN67D8LDW DIODES-DMN67D8LDW Datasheet
538Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN67D8LDW-13 DIODES-DMN67D8LDW-13 Datasheet
538Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN67D7L-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com