Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN62D0UDW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN62D0UDW
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D0UDW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN62D0UDW Datasheet HTML 1Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 2Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 3Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 4Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 5Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 6Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN62D0UDW
Document number: DS38029 Rev. 2 - 2
4 of 7
www.diodes.com
August 2016
© Diodes Incorporated
DMN62D0UDW
0
0.5
1
1.5
2
2.5
3
3.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS=2.5V, ID=50mA
V
GS=4.5V, ID=100mA
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D=250μA
I
D=1mA
0
0.2
0.4
0.6
0.8
1
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS=0V, TA=-55℃
V
GS=0V, TA=25℃
V
GS=0V, TA=85℃
V
GS=0V, TA=125℃
V
GS=0V, TA=150℃
1
10
100
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0.001
0.01
0.1
1
10
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(MAX)=150℃
T
C=25℃
Single Pulse
DUT on 1*MRP board
V
GS=4.5V
R
DS(ON) Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100μs
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.1
0.2
0.3
0.4
0.5
Q
g (nC)
Figure 11. Gate Charge
V
DS=10V, ID=250mA


Similar Part No. - DMN62D0UDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN62D0UDW DIODES-DMN62D0UDW Datasheet
543Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN62D0UDW-13 DIODES-DMN62D0UDW-13 Datasheet
543Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN62D0UDW-7 DIODES-DMN62D0UDW-7 Datasheet
543Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN62D0UDWQ DIODES-DMN62D0UDWQ Datasheet
545Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 2 - 2
DMN62D0UDWQ-13 DIODES-DMN62D0UDWQ-13 Datasheet
545Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 2 - 2
More results

Similar Description - DMN62D0UDW

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com